Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54821 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54821_16 Datasheet HTML 4Page - Texas Instruments TPS54821_16 Datasheet HTML 5Page - Texas Instruments TPS54821_16 Datasheet HTML 6Page - Texas Instruments TPS54821_16 Datasheet HTML 7Page - Texas Instruments TPS54821_16 Datasheet HTML 8Page - Texas Instruments TPS54821_16 Datasheet HTML 9Page - Texas Instruments TPS54821_16 Datasheet HTML 10Page - Texas Instruments TPS54821_16 Datasheet HTML 11Page - Texas Instruments TPS54821_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
80
90
100
110
120
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
VSENSE Rising
VSENSE Falling
VSENSE Rising
VSENSE Falling
VIN = 12 V
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
400
500
600
700
800
3
6
9
12
15
18
V - Input Voltage - V
I
T = 125°C
J
T = 25°C
J
T = -40°C
J
2.1
2.2
2.3
2.4
2.5
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
1.1
1.125
1.15
1.175
1.2
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
3
6
9
12
15
18
V - Input Voltage - V
I
T = 125°C
J
T = 25°C
J
T = -40°C
J
0
1
2
3
4
EN = 0 V
8
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. EN Pin Pullup Current Threshold
vs Junction Temperature
Figure 8. Shutdown Quiescent Current
vs Input Voltage
Figure 9. VIN Non-Switching Operating Quiescent Current
vs Input Voltage
Figure 10. Slow Start Charge Current
vs Junction Temperature
Figure 11. SS/TR Vsense Offset vs Junction Temperature
Figure 12. PWRGD Threshold vs Junction Temperature


Similar Part No. - TPS54821_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results

Similar Description - TPS54821_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com