Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54361 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54361
Description  4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54361 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54361_16 Datasheet HTML 5Page - Texas Instruments TPS54361_16 Datasheet HTML 6Page - Texas Instruments TPS54361_16 Datasheet HTML 7Page - Texas Instruments TPS54361_16 Datasheet HTML 8Page - Texas Instruments TPS54361_16 Datasheet HTML 9Page - Texas Instruments TPS54361_16 Datasheet HTML 10Page - Texas Instruments TPS54361_16 Datasheet HTML 11Page - Texas Instruments TPS54361_16 Datasheet HTML 12Page - Texas Instruments TPS54361_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
70
90
110
130
150
170
190
210
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
VIN = 12 V
C017
V
IN = 12 V
70
90
110
130
150
170
190
210
0
10
20
30
40
50
60
V
IN - Input Voltage (ƒC)
VIN = 12 V
C018
T
J = 25 °C
0
0.5
1
1.5
2
2.5
3
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
VIN = 12 V
C015
V
IN = 12 V
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
V
IN - Input Voltage (ƒC)
VIN = 12 V
C016
T
J = 25 °C
±4.5
±4.3
±4.1
±3.9
±3.7
±3.5
±3.3
±3.1
±2.9
±2.7
±2.5
±50
±25
0
25
50
75
100
125
150
T
J ± Junction Temperature (ƒC)
VIN = 12 V
C013
V
IN = 12 V
0.0
25.0
50.0
75.0
100.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
SENSE (V)
Vsense Falling
Vsense Falling
C014
V
SENSE Falling
V
SENSE Rising
9
TPS54361
www.ti.com
SLVSC39C – NOVEMBER 2013 – REVISED FEBRUARY 2016
Product Folder Links: TPS54361
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. EN Pin Current Hysteresis vs Junction
Temperature
Figure 14. Switching Frequency vs FB
Figure 15. Shutdown Supply Current vs Junction
Temperature
Figure 16. Shutdown Supply Current vs Input Voltage (VIN)
Figure 17. VIN Supply Current vs Junction Temperature
Figure 18. VIN Supply Current vs Input Voltage


Similar Part No. - TPS54361_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
More results

Similar Description - TPS54361_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54560 TI1-TPS54560_13 Datasheet
1Mb / 43P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560B TI1-TPS54560B Datasheet
2Mb / 50P
[Old version datasheet]   4.5-V to 60-V Input, 5-A step-down dc/dc converter with Eco-mode
TPS54560B-Q1 TI1-TPS54560B-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
TPS54560 TI-TPS54560 Datasheet
1Mb / 39P
[Old version datasheet]   4.5 V to 60 V Input, 5 A, Step Down DC-DC Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com