Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22968-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22968-Q1
Description  5.5-V, 4-A, 27Ohm On-Resistance Load Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22968-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS22968-Q1 Datasheet HTML 1Page - Texas Instruments TPS22968-Q1 Datasheet HTML 2Page - Texas Instruments TPS22968-Q1 Datasheet HTML 3Page - Texas Instruments TPS22968-Q1 Datasheet HTML 4Page - Texas Instruments TPS22968-Q1 Datasheet HTML 5Page - Texas Instruments TPS22968-Q1 Datasheet HTML 6Page - Texas Instruments TPS22968-Q1 Datasheet HTML 7Page - Texas Instruments TPS22968-Q1 Datasheet HTML 8Page - Texas Instruments TPS22968-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Dual
Power
Supply
or
DC/DC
Converter
OFF
ON
TPS22968x-Q1
VIN1
VOUT1
R L
C L
GND
ON1
CT1
C IN
OFF
ON
VIN2
VOUT2
C L
GND
ON2
GND
C IN
CT2
VBIAS
R L
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22968-Q1
SLVSCP7B – NOVEMBER 2014 – REVISED MARCH 2016
TPS22968x-Q1 5.5-V, 4-A, 27-m
Ω On-Resistance Load Switch
1
1 Features
1
Integrated Dual Channel Load Switch
Qualified for Automotive Applications:
Device Temperature Grade 1 : –40°C to
+125°C Ambient Operating Temperature
Range
Input Voltage Range: 0.8 to 5.5 V
VBIAS Voltage Range: 2.5 to 5.5 V
On-Resistance
RON = 29 mΩ at VIN = 5 V (VBIAS = 5 V)
RON = 27 mΩ at VIN = 3.3 V (VBIAS = 5 V)
RON = 26 mΩ at VIN = 1.8 V (VBIAS = 5 V)
4-A Maximum Continuous Switch Current per
Channel
Low Quiescent Current
58-µA at VBIAS = 5 V (Both Channels)
Low-Control Input-Threshold Enables Use of 1.2-,
1.8-, 2.5-, 3.3- V Logic
Configurable Rise Time With CT Pin(1)
Quick-Output Discharge (QOD)(2) (TPS22968-Q1
Only)
10-Pin WSON Package With Wettable Flanks
ESD Performance Tested per JEDEC STD
±2-kV HBM and ±1-kV CDM
Latch-Up Performance meets 100-mA per JESD
78, Class II
GPIO Enable – Active High
(1)
See Adjustable Rise Time for CT value versus rise time
(2)
This feature discharges output of the switch to GND through a
270-
Ω resistor, preventing the output from floating.
2 Applications
Automotive Electronics
Infotainment
Cluster
ADAS
3 Description
The TPS22968x-Q1 is a small, dual-channel load
switch
with
configurable
rise
time.
The
device
contains two N-channel MOSFETs that can operate
over an input voltage range of 0.8 V to 5.5 V and can
support a maximum continuous current of 4-A per
channel. Each switch is independently controlled by
an on/off input (ON1 and ON2), which is capable of
interfacing directly with low-voltage control signals.
The TPS22968-Q1 includes a 270
Ω on-chip resistor
for quick output discharge when the switch is turned
off.
The TPS22968x-Q1 is available in a small, space-
saving package (DMG) with wettable flanks and an
integrated thermal pad. The wettable flanks allow for
visual solder inspection. The device is characterized
for operation over the free-air temperature range of
–40 to +125°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22968-Q1
TPS22968N-Q1
WSON (10)
2.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Part No. - TPS22968-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22968DPUR TI1-TPS22968DPUR Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22968DPUT TI1-TPS22968DPUT Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22968NDPUR TI1-TPS22968NDPUR Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22968NDPUT TI1-TPS22968NDPUT Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
More results

Similar Description - TPS22968-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com