Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22968DPUR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22968DPUR
Description  Dual Channel, Ultra-Low Resistance Load Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22968DPUR Datasheet(HTML) 1 Page - Texas Instruments

  TPS22968DPUR Datasheet HTML 1Page - Texas Instruments TPS22968DPUR Datasheet HTML 2Page - Texas Instruments TPS22968DPUR Datasheet HTML 3Page - Texas Instruments TPS22968DPUR Datasheet HTML 4Page - Texas Instruments TPS22968DPUR Datasheet HTML 5Page - Texas Instruments TPS22968DPUR Datasheet HTML 6Page - Texas Instruments TPS22968DPUR Datasheet HTML 7Page - Texas Instruments TPS22968DPUR Datasheet HTML 8Page - Texas Instruments TPS22968DPUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22968, TPS22968N
SLVSCG3D – JANUARY 2014 – REVISED MARCH 2016
TPS22968x Dual Channel, Ultra-Low Resistance Load Switch
1
1 Features
1
Integrated Dual Channel Load Switch
Input Voltage Range: 0.8 V to 5.5 V
VBIAS Voltage Range: 2.5 V to 5.5 V
Ideal for 1S Battery Configuration
Ultra-Low RON Resistance
RON = 27 mΩ at VIN = 5 V (VBIAS = 5 V)
RON = 25 mΩ at VIN = 3.3 V (VBIAS = 5 V)
RON = 25 mΩ at VIN = 1.8 V (VBIAS = 5 V)
4-A Maximum Continuous Switch Current per
Channel
Low Quiescent Current
55 µA at VBIAS = 5 V (Both Channels)
55 µA at VBIAS = 5 V (Single Channel)
Low Control Input Threshold Enables Use of
1.2-V/1.8-V/2.5-V/3.3-V Logic
Configurable Rise Time(1)
Quick Output Discharge (QOD)(2) (TPS22968
Only)
SON 14-Pin Package With Thermal Pad
ESD Performance Tested per JEDEC Standard
2-kV HBM and 1-kV CDM
Latch-Up Performance Exceeds 100 mA per
JESD 78, Class II
GPIO Enable – Active High
TPS22968N: Product Preview Only
(1)
See Application Information section for CT value vs. rise time
(2)
This feature discharges output of the switch to GND through a
270-
Ω resistor, preventing the output from floating.
2 Applications
Ultrabook™
Notebooks/Netbooks
Tablets
Consumer Electronics
Set-Top Boxes
Telecom Systems
3 Description
The TPS22968x is a small, ultra-low RON, dual-
channel load switch with controlled turn on. The
device contains two N-channel MOSFETs that can
operate over an input voltage range of 0.8 to 5.5 V
and can support a maximum continuous current of 4
A
per
channel.
Each
switch
is
independently
controlled by an on/off input (ON1 and ON2), which is
capable of interfacing directly with low-voltage control
signals. In TPS22968, a 270-
Ω on-chip load resistor
is added for output quick discharge when switch is
turned off.
The TPS22968x is available in a small, space-saving
package (DPU) with integrated thermal pad allowing
for
high
power
dissipation.
The
device
is
characterized
for
operation
over
the
free-air
temperature range of –40 to +105°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22968x
WSON (14)
3.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Part No. - TPS22968DPUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22968NQDMGRQ1 TI1-TPS22968NQDMGRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22968NQDMGTQ1 TI1-TPS22968NQDMGTQ1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22968QDMGRQ1 TI1-TPS22968QDMGRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22968QDMGTQ1 TI1-TPS22968QDMGTQ1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
More results

Similar Description - TPS22968DPUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
   Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
   Dual Channel, Ultra-Low Resistance Load Switch
RT9736A RICHTEK-RT9736A Datasheet
248Kb / 16P
   Dual Channel, Low Resistance Load Switch
logo
Texas Instruments
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22966-Q1 TI1-TPS22966-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Channel, Ultralow Resistance Load Switch
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com