Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22960RSER Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22960RSER
Description  Low-Input Voltage, Dual-Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22960RSER Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22960RSER Datasheet HTML 4Page - Texas Instruments TPS22960RSER Datasheet HTML 5Page - Texas Instruments TPS22960RSER Datasheet HTML 6Page - Texas Instruments TPS22960RSER Datasheet HTML 7Page - Texas Instruments TPS22960RSER Datasheet HTML 8Page - Texas Instruments TPS22960RSER Datasheet HTML 9Page - Texas Instruments TPS22960RSER Datasheet HTML 10Page - Texas Instruments TPS22960RSER Datasheet HTML 11Page - Texas Instruments TPS22960RSER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
I
OUT
20 mA/div
V
ON
500 mV/div
100 µs/div
C
Load = 10 µF
I
OUT = 100 mA
V
IN = 1.8 V
SR = High
IOUT
20 mA/div
V
ON
500 mV/div
5 µs/div
C
Load = 0.1 µF
I
OUT = 100 mA
V
IN = 1.8 V
SR = High
I
OUT
20 mA/div
V
ON
500 mV/div
500 µs/div
CLoad = 0.1 µF
I
OUT = 100 mA
V
IN = 5.5 V
SR = High
I
OUT
20mA/div
V
ON
500 mV/div
500 µs/div
CLoad = 10 µF
I
OUT = 100 mA
V
IN = 5.5 V
SR = High
IOUT
20 mA/div
V
ON
500 mV/div
1 ms/div
C
Load = 0.1 µF
I
OUT = 100 mA
V
IN = 1.8 V
SR = High
I
OUT
20 mA/div
V
ON
500 mV/div
1 ms/div
C
Load = 10 µF
I
OUT = 100 mA
V
IN = 1.8 V
SR = High
8
TPS22960
SLVS914D – APRIL 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS22960
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Switching Characteristics (continued)
Figure 12. tON Response
Figure 13. tON Response
Figure 14. tON Response
Figure 15. tON Response
Figure 16. tOFF Response
Figure 17. tOFF Response


Similar Part No. - TPS22960RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960RSER TI-TPS22960RSER Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960RSER TI-TPS22960RSER Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960RSER TI-TPS22960RSER Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
More results

Similar Description - TPS22960RSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960 TI-TPS22960_1 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960_2 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
logo
Advanced Analog Technol...
AAT4670 AAT-AAT4670 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Advanced Analogic Techn...
AAT4670 ANALOGICTECH-AAT4670_06 Datasheet
281Kb / 13P
   Dual-Input, Dual-Output Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com