Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS763-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS763-Q1
Description  Low-Power, 150-mA, Low-Dropout Linear Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS763-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS763-Q1 Datasheet HTML 5Page - Texas Instruments TPS763-Q1 Datasheet HTML 6Page - Texas Instruments TPS763-Q1 Datasheet HTML 7Page - Texas Instruments TPS763-Q1 Datasheet HTML 8Page - Texas Instruments TPS763-Q1 Datasheet HTML 9Page - Texas Instruments TPS763-Q1 Datasheet HTML 10Page - Texas Instruments TPS763-Q1 Datasheet HTML 11Page - Texas Instruments TPS763-Q1 Datasheet HTML 12Page - Texas Instruments TPS763-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
10
100
Added Ceramic Capacitance − µF
1
0.6
0.7 0.8
0.9
1
CO = 10 µF
Region of Instability
Region of Instability
0.1
0.01
0
50
100
150
200
250
10
100
IO − Output Current − mA
1
Region of Instability
Region of Instability
CO = 10 µF
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
10
100
Added Ceramic Capacitance − µF
0.6
0.7 0.8
0.9
1
1
Region of Instability
Region of Instability
I = 150 mA
CO = 4.7 µF
TJ = 25°C
150
−100
100
200
0
100
0
t − Time − µs
CO = 4.7 µF
ESR = 0.25 Ω
TJ = 25°C
0
60
40
20
80
100
140
120
160
180 200
−200
0.1
0.01
0
50
100
150
200
250
10
100
IO − Output Current − mA
1
Region of Instability
CO = 4.7 µF
TJ = 25°C
Region of Instability
9
TPS763-Q1, TPS76301-Q1, TPS76316-Q1, TPS76318-Q1
TPS76325-Q1, TPS76330-Q1, TPS76333-Q1, TPS76350-Q1
www.ti.com
SGLS247B – SEPTEMBER 2011 – REVISED MARCH 2016
Product Folder Links: TPS763-Q1 TPS76301-Q1 TPS76316-Q1 TPS76318-Q1 TPS76325-Q1 TPS76330-Q1
TPS76333-Q1 TPS76350-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 15. TPS76350-Q1 Load Transient Response
Figure 16. Typical Regions of Stability Compensation Series
Resistance (CSR) vs Output Current
Figure 17. Typical Regions of Stability Compensation Series
Resistance (CSR) vs Added Ceramic Capacitance
Figure 18. Typical Regions of Stability Compensation Series
Resistance (CSR) vs Output Current
Figure 19. Typical Regions of Stability Compensation Series Resistance (CSR) vs Added Ceramic


Similar Part No. - TPS763-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS763-Q1 TI1-TPS763-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI-TPS763-Q1_15 Datasheet
835Kb / 21P
[Old version datasheet]   LOW-POWER 150mA LOW-DROPOU
More results

Similar Description - TPS763-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com