Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS763-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS763-Q1
Description  Low-Power, 150-mA, Low-Dropout Linear Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS763-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS763-Q1 Datasheet HTML 1Page - Texas Instruments TPS763-Q1 Datasheet HTML 2Page - Texas Instruments TPS763-Q1 Datasheet HTML 3Page - Texas Instruments TPS763-Q1 Datasheet HTML 4Page - Texas Instruments TPS763-Q1 Datasheet HTML 5Page - Texas Instruments TPS763-Q1 Datasheet HTML 6Page - Texas Instruments TPS763-Q1 Datasheet HTML 7Page - Texas Instruments TPS763-Q1 Datasheet HTML 8Page - Texas Instruments TPS763-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
TPS763-Q1, TPS76301-Q1, TPS76316-Q1, TPS76318-Q1
TPS76325-Q1, TPS76330-Q1, TPS76333-Q1, TPS76350-Q1
www.ti.com
SGLS247B – SEPTEMBER 2011 – REVISED MARCH 2016
Product Folder Links: TPS763-Q1 TPS76301-Q1 TPS76316-Q1 TPS76318-Q1 TPS76325-Q1 TPS76330-Q1
TPS76333-Q1 TPS76350-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater.
(2)
Test condition includes: output voltage VO = 0 V (for variable device FB is shorted to VO) and pulse duration = 10 ms.
(3)
If VO < 2.5 V and VImax = 10 V, VImin = 3.5 V:
7.5 Electrical Characteristics
over operating free-air temperature range, VI = VO(typ) + 1 V, IO = 1 mA, EN = IN, Co = 4.7 μF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
TPS76301-Q1
3.25 V > VI
≥ 2.7 V, 2.5 V ≥ VO ≥ 1.5 V, IO = 1 mA
to 75 mA, TJ = 25°C
0.98VO
VO
1.02VO
V
3.25 V > VI
≥ 2.7 V, 2.5 V ≥ VO ≥ 1.5 V, IO = 1 mA
to 75 mA,
0.97VO
VO
1.03VO
VI ≥ 3.25 V, 5 V ≥ VO ≥ 1.5 V, IO = 1 mA to 100 mA,
TJ = 25°C
0.98VO
VO
1.02VO
VI ≥ 3.25 V, 5 V ≥ VO ≥ 1.5 V, IO = 1 mA to 100 mA,
0.97VO
VO
1.03VO
VI ≥ 3.25 V, 5 V ≥ VO ≥ 1.5 V, IO = 1 mA to 150 mA,
TJ = 25°C
0.975VO
VO
1.025VO
VI ≥ 3.25 V, 5 V ≥ VO ≥ 1.5 V, IO = 1 mA to 150 mA,
0.9625VO
VO
1.0375VO
TPS76316-Q1
VI = 2.7 V, 1 mA < IO < 75 mA, TJ = 25°C
1.568
1.6
1.632
V
VI = 2.7 V, 1 mA < IO < 75 mA, TJ = 25°C
1.552
1.6
1.648
VI = 3.25 V, 1 mA < IO < 100 mA, TJ = 25°C
1.568
1.6
1.632
VI = 3.25 V, 1 mA < IO < 100 mA, TJ = 25°C
1.552
1.6
1.648
VI = 3.25 V, 1 mA < IO < 150 mA, TJ = 25°C
1.56
1.6
1.64
VI 3.25 V, 1 mA < IO < 150 mA, TJ = 25°C
1.536
1.6
1.664
TPS76318-Q1
VI = 2.7 V, 1 mA < IO < 75 mA, TJ = 25°C
1.764
1.8
1.836
V
VI = 2.7 V, 1 mA < IO < 75 mA
1.746
1.8
1.854
VI = 3.25 V, 1 mA < IO < 100 mA, TJ = 25°C
1.764
1.8
1.836
VI = 3.25 V, 1 mA < IO < 100 mA
1.746
1.8
1.854
VI = 3.25 V, 1 mA < IO < 150 mA, TJ = 25°C
1.755
1.8
1.845
VI = 3.25 V, 1 mA < IO < 150 mA
1.733
1.8
1.867
TPS76325-Q1
IO = 1 mA to 100 mA, TJ = 25°C
2.45
2.5
2.55
V
IO = 1 mA to 100 mA
2.425
2.5
2.575
IO = 1 mA to 150 mA,, TJ = 25°C
2.438
2.5
2.562
IO = 1 mA to 150 mA
2.407
2.5
2.593
TPS76330-Q1
IO = 1 mA to 100 mA, TJ = 25°C
2.94
3
3.06
V
IO = 1 mA to 100 mA
2.91
3
3.09
IO = 1 mA to 150 mA, TJ = 25°C
2.925
3
3.075
IO = 1 mA to 150 mA
2.888
3
3.112
TPS76333-Q1
IO = 1 mA to 100 mA, TJ = 25°C
3.234
3.3
3.366
V
IO = 1 mA to 100 mA
3.201
3.3
3.399
IO = 1 mA to 150 mA, TJ = 25°C
3.218
3.3
3.382
IO = 1 mA to 150 mA
3.177
3.3
3.423
TPS76350-Q1
IO = 1 mA to 100 mA, TJ = 25°C
4.875
5
5.125
V
IO = 1 mA to 100 mA
4.825
5
5.175
IO = 1 mA to 150 mA, TJ = 25°C
4.750
5
5.15
IO = 1 mA to 150 mA
4.80
5
5.2
I(Q)
Quiescent current (GND) terminal current)
IO = 0 mA to 150 mA, TJ = 25°C
(1)
85
100
µA
IO = 0 mA to 150 mA, see
140
Standby current
EN < 0.5 V, TJ = 25°C
0.5
1
µA
EN < 0.5 V
2
Vn
Output noise voltage
BW = 300 Hz to 50 kHz, Co = 10
μF, TJ = 25°C
(2)
140
µV
PSRR
Ripple rejection
f = 1 kHz, Co = 10
μF, TJ = 25°C
(2)
60
dB
Current limit
TJ = 25°C, see
(3)
0.5
0.8
1.5
A
Output voltage line regulation (
ΔVO/VO), (see
(3)))
VO + 1 V < VI ≤ 10 V, VI ≥ 3.5 V, TJ = 25°C
0.04
0.07
%/V
VO + 1 V < VI ≤ 10 V, VI ≥ 3.5 V
0.1
VIH
EN high level input
See
(2)
1.4
2
V
VIL
EN low level input
See
(2)
0.5
1.2
II
EN input current
EN = 0 V
–0.01
–0.5
µa
EN = IN
–0.01
–0.5


Similar Part No. - TPS763-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS763-Q1 TI1-TPS763-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI-TPS763-Q1_15 Datasheet
835Kb / 21P
[Old version datasheet]   LOW-POWER 150mA LOW-DROPOU
More results

Similar Description - TPS763-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com