Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS720105QDRVRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720105QDRVRQ1
Description  RF Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS720105QDRVRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS720105QDRVRQ1 Datasheet HTML 1Page - Texas Instruments TPS720105QDRVRQ1 Datasheet HTML 2Page - Texas Instruments TPS720105QDRVRQ1 Datasheet HTML 3Page - Texas Instruments TPS720105QDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS720105QDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS720105QDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS720105QDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS720105QDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS720105QDRVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
TPS720-Q1
SBVS278 – FEBRUARY 2016
www.ti.com
Product Folder Links: TPS720-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
Machine model (MM)
±100
(1)
Whichever is less.
(2)
Whichever is greater.
(3)
Maximum ESR must be less than 250 m
Ω.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage (steady-state)
1.1
VBIAS or 4.5
(1)
V
VBIAS
Bias voltage
2.6 or VOUT + 1.4
(2)
5.5
V
VOUT
Output voltage
0.9
3.0
V
IOUT
Peak output current
0
350
mA
VEN
Enable voltage
0
5.5
V
CIN
Input capacitance
1
µF
CBIAS
Bias capacitance
0.1
µF
COUT
(3)
Output capacitance
2.2
µF
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS720-Q1
UNIT
DRV (WSON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
66.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
86.2
°C/W
RθJB
Junction-to-board thermal resistance
36.1
°C/W
ψJT
Junction-to-top characterization parameter
1.7
°C/W
ψJB
Junction-to-board characterization parameter
36.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.4
°C/W


Similar Part No. - TPS720105QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720105DRVR TI-TPS720105DRVR Datasheet
926Kb / 22P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVR TI-TPS720105DRVR Datasheet
741Kb / 21P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVR TI1-TPS720105DRVR Datasheet
850Kb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVR TI-TPS720105DRVR Datasheet
1Mb / 25P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720105DRVR TI1-TPS720105DRVR Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS720105QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com