Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76325QDBVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS76325QDBVRQ1
Description  Low-Power, 150-mA, Low-Dropout Linear Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76325QDBVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS76325QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 13Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TPS76301-Q1
OUT
IN
FB
GND
EN
VREF
TPS76316/18/25/30/33/50-Q1
OUT
IN
GND
EN
VREF
Current Limit/
Thermal
Protection
Current Limit/
Thermal
Protection
10
TPS763-Q1, TPS76301-Q1, TPS76316-Q1, TPS76318-Q1
TPS76325-Q1, TPS76330-Q1, TPS76333-Q1, TPS76350-Q1
SGLS247B – SEPTEMBER 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS763-Q1 TPS76301-Q1 TPS76316-Q1 TPS76318-Q1 TPS76325-Q1 TPS76330-Q1
TPS76333-Q1 TPS76350-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS763xx-Q1 low-dropout (LDO) regulators are new families of regulators which have been optimized for
use in battery-operated equipment and feature low dropout voltages, low quiescent current (140
μA), and an
enable input to reduce supply currents to less than 2
μA when the regulator is turned off.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Regulator Protection
The TPS763xx-Q1 pass element has a built-in back diode that safely conducts reverse currents when the input
voltage drops below the output voltage (for example, during power down). Current is conducted from the output
to the input and is not internally limited. If extended reverse voltage is anticipated, external limiting might be
appropriate.
The TPS763xx-Q1 also features internal current limiting and thermal protection. During normal operation, the
TPS763xx-Q1 limits output current to approximately 800 mA. When current limiting engages, the output voltage
scales back linearly until the overcurrent condition ends. While current limiting is designed to prevent gross
device failure, care should be taken not to exceed the power dissipation ratings of the package. If the
temperature of the device exceeds 165°C, thermal-protection circuitry shuts it down. Once the device has cooled
down to below 140°C, the regulator operation resumes.


Similar Part No. - TPS76325QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76325QDBVRQ1 TI1-TPS76325QDBVRQ1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76325QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com