Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76325QDBVRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS76325QDBVRQ1
Description  Low-Power, 150-mA, Low-Dropout Linear Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76325QDBVRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS76325QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS76325QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
C1
1
µF
NC/FB
OUT
1
3
IN
EN
GND
2
4
5
VI
CSR = 1
VO
4.7
µF
+
TPS763xx-Q1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS763-Q1, TPS76301-Q1, TPS76316-Q1, TPS76318-Q1
TPS76325-Q1, TPS76330-Q1, TPS76333-Q1, TPS76350-Q1
SGLS247B – SEPTEMBER 2011 – REVISED MARCH 2016
TPS763xx-Q1 Low-Power, 150-mA, Low-Dropout Linear Regulators
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
Device HBM ESD Classification Level 1C
Device CDM ESD Classification Level C3
150-mA Low-Dropout Regulator
Output Voltage: 5 V,3.3 V, 3 V, 2.5 V, 1.8 V, 1.6
V, and Variable
Dropout Voltage, Typically 300 mV at 150 mA
Thermal Protection
Overcurrent Limitation
Less Than 2-µA Quiescent Current in Shutdown
Mode
–40°C to 125°C Operating Junction Temperature
Range
5-Pin SOT-23 (DBV) Package
2 Applications
RF: VCOs, Receivers, ADCs
Cellular phones
Bluetooth®
Battery-Powered Systems
3 Description
The TPS763xx-Q1 family of low-dropout (LDO)
voltage regulators offers the benefits of low-dropout
voltage,
low-power
operation,
and
miniaturized
packaging. These regulators feature low dropout
voltages
and
quiescent
currents
compared
to
conventional LDO regulators. Offered in a 5-pin, small
outline
integrated-circuit
SOT-23
package,
the
TPS763xx-Q1 series devices are ideal for cost-
sensitive designs and for applications where board
space is at a premium.
A combination of new circuit design and process
innovation has enabled the usual pnp pass transistor
to be replaced by a PMOS pass element. Because
the PMOS pass element behaves as a low-value
resistor, the dropout voltage is low—typically 300 mV
at 150 mA of load current (TPS76333-Q1)—and is
directly proportional to the load current. Since the
PMOS pass element is a voltage-driven device, the
quiescent current is low (140
μA maximum) and is
stable over the entire range of output load current (0
mA to 150 mA). Intended for use in portable systems
such as laptops and cellular phones, the low-dropout
voltage feature and low-power operation result in a
significant increase in system battery operating life.
The TPS763xx-Q1 also features a logic-enabled
sleep mode to shut down the regulator, reducing
quiescent current to 1
μA maximum at TJ = 25°C.The
TPS763xx-Q1 is offered in 1.6-V,1.8-V, 2.5-V, 3-V,
3.3-V, and 5-V fixed-voltage versions and in a
variable version (programmable over the range of 1.5
V to 6.5 V).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS763xx-Q1
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Note:
TPS76316-Q1, TPS76318-Q1, TPS76325-Q1, TPS76301-Q1 TPS76333-Q1, TPS76350-Q1 (fixed-voltage options)


Similar Part No. - TPS76325QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76325QDBVRQ1 TI1-TPS76325QDBVRQ1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76325QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com