Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS715A33DRBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A33DRBR
Description  24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A33DRBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS715A33DRBR Datasheet HTML 7Page - Texas Instruments TPS715A33DRBR Datasheet HTML 8Page - Texas Instruments TPS715A33DRBR Datasheet HTML 9Page - Texas Instruments TPS715A33DRBR Datasheet HTML 10Page - Texas Instruments TPS715A33DRBR Datasheet HTML 11Page - Texas Instruments TPS715A33DRBR Datasheet HTML 12Page - Texas Instruments TPS715A33DRBR Datasheet HTML 13Page - Texas Instruments TPS715A33DRBR Datasheet HTML 14Page - Texas Instruments TPS715A33DRBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
t - Time - ms
-0.5 0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
100
50
0
200
0
-200
V
IN = 4.3 V
V
OUT = 3.3 V
C
OUT = 10 F
m
18
16
14
12
VIN
VOUT
VOUT = 3.3 V
RL = 66 W
COUT = 10 F
m
8
7
6
5
4
3
2
1
0
t − Time − ms
2
0
6
4
10
8
20
t − Time − ms
0
150
100
50
200 250
350
300
400 450 500
5.3
VOUT = 3.3 V
IOUT = 50 mA
COUT = 10 F
m
4.3
100
50
0
−50
R
=
DS(ON)
V
DO
I
RATED
11
TPS715A
www.ti.com
SBVS047H – MAY 2004 – REVISED MARCH 2016
Product Folder Links: TPS715A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8.2.1.2.2
Dropout Voltage (VDO)
Generally speaking, the dropout voltage often refers to the voltage difference between the input and output
voltage (VDO = VIN – VOUT). However, in the Electrical Characteristics table, VDO is defined as the VIN – VOUT
voltage at the rated current, where the pass-FET is fully enhanced in the ohmic region of operation and is
characterized by the classic RDS(on) of the FET. VDO indirectly specifies a minimum input voltage above the
nominal programmed output voltage at which the output voltage is expected to remain within its accuracy
boundary. If the input falls below this VDO limit (VIN < VOUT + VDO), then the output voltage decreases to follow the
input voltage.
Dropout voltage is always determined by the RDS(on) of the main pass-FET. Therefore, if the LDO operates below
the rated current, then the VDO for that current scales accordingly. RDS(on) can be calculated using Equation 1.
(1)
8.2.1.3 Application Curves
Figure 17. Power-Up and Power-Down
Figure 18. Line Transient Response
Figure 19. Load Transient Response


Similar Part No. - TPS715A33DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A33DRBR TI1-TPS715A33DRBR Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
TPS715A33DRBR TI-TPS715A33DRBR Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A33DRBR TI1-TPS715A33DRBR Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS715A33DRBRG4 TI1-TPS715A33DRBRG4 Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
TPS715A33DRBRG4 TI-TPS715A33DRBRG4 Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
More results

Similar Description - TPS715A33DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
   80 mA LDO VOLTAGE REGULATOR IC
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
   150 mA 24 V Input High Voltage Regulator
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
   80 mA High-Voltage Automotive LDO
05/14/19
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
LDK715 STMICROELECTRONICS-LDK715 Datasheet
542Kb / 18P
   High input voltage 85 mA LDO linear regulator
July 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com