Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS720-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS720-Q1
Description  RF Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS720-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS720-Q1 Datasheet HTML 1Page - Texas Instruments TPS720-Q1 Datasheet HTML 2Page - Texas Instruments TPS720-Q1 Datasheet HTML 3Page - Texas Instruments TPS720-Q1 Datasheet HTML 4Page - Texas Instruments TPS720-Q1 Datasheet HTML 5Page - Texas Instruments TPS720-Q1 Datasheet HTML 6Page - Texas Instruments TPS720-Q1 Datasheet HTML 7Page - Texas Instruments TPS720-Q1 Datasheet HTML 8Page - Texas Instruments TPS720-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS720-Q1
V
EN
V
BATT
IN
EN
OUT
GND
V
CORE
1.8 V
2.3 V
Standalone
DC-DC
Converter
or PMU
BIAS
C
BIAS
C
OUT
C
IN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS720-Q1
SBVS278 – FEBRUARY 2016
TPS720-Q1
350-mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With BIAS Pin
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C6
Input Voltage Range: 1.1 V to 4.5 V
Output Voltage Range: 0.9 V to 3.0 V
High-Performance LDO: 350 mA
Low Quiescent Current: 38
μA
Excellent Load Transient Response:
±15 mV for ILOAD = 0 mA to 350 mA in 1 μs
Low Noise: 48
μVRMS (10 Hz to 100 kHz)
80-dB VIN PSRR (10 Hz to 10 kHz)
70-dB VBIAS PSRR (10 Hz to 10 kHz)
Fast Start-Up Time: 140
μs
Built-In Soft-Start With Monotonic VOUT Rise and
Start-Up Current Limited to 100 mA + ILOAD
Overcurrent and Thermal Protection
Low Dropout: 110 mV at ILOAD = 350 mA
Stable with a 2.2-
μF Output Capacitor
Package: 2-mm × 2-mm, 6-Pin WSON
2 Applications
Camera Modules
FPD Link Power
Automotive Infotainment
USB HUB Power
Simplified Schematic
3 Description
The TPS720-Q1 family of dual-rail, low-dropout linear
regulators (LDOs) offers outstanding ac performance
(PSRR, load and line transient response) and
consume a very low quiescent current of 38
μA.
The VBIAS rail that powers the control circuit of the
LDO draws very low current (on the order of the LDO
quiescent current) and can be connected to any
power supply that is equal to or greater than 1.4 V
above the output voltage. The main power path is
through VIN and can be a lower voltage than VBIAS;
this path can be as low as VOUT + VDO, increasing the
efficiency of the solution in many power-sensitive
applications. For example, VIN can be an output of a
high-efficiency, dc-dc, step-down regulator.
The TPS720-Q1 supports a novel feature where the
output of the LDO regulates under light loads when
the IN pin is left floating. The light-load drive current
is sourced from VBIAS under this condition. This
feature
is
particularly
useful
in
power-saving
applications where the dc-dc converter connected to
the IN pin is disabled but the LDO is still required to
regulate the voltage to a light load.
The TPS720-Q1 is stable with ceramic capacitors and
uses an advanced BICMOS fabrication process that
yields a dropout of 110 mV at a 350-mA output load.
The TPS720-Q1 has the unique feature of providing a
monotonic VOUT rise (overshoot limited to 3%) with
VIN inrush current limited to 100 mA + ILOAD with an
output capacitor of 2.2
μF.
The TPS720-Q1 uses a precision voltage reference
and feedback loop to achieve overall accuracy of 2%
over load, line, process, and temperature extremes.
The TPS720-Q1 is available in a 6-pin WSON
package. This family of devices is fully specified over
the temperature range of TJ = –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS720-Q1
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TPS720-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720-Q1 TI1-TPS720-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720-Q1 TI1-TPS720-Q1 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS720-Q1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com