Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A6033QKTTRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A6033QKTTRQ1
Description  300-mA, 40-V Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6033QKTTRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A6033QKTTRQ1 Datasheet HTML 2Page - Texas Instruments TPS7A6033QKTTRQ1 Datasheet HTML 3Page - Texas Instruments TPS7A6033QKTTRQ1 Datasheet HTML 4Page - Texas Instruments TPS7A6033QKTTRQ1 Datasheet HTML 5Page - Texas Instruments TPS7A6033QKTTRQ1 Datasheet HTML 6Page - Texas Instruments TPS7A6033QKTTRQ1 Datasheet HTML 7Page - Texas Instruments TPS7A6033QKTTRQ1 Datasheet HTML 8Page - Texas Instruments TPS7A6033QKTTRQ1 Datasheet HTML 9Page - Texas Instruments TPS7A6033QKTTRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
TPS7A6033-Q1, TPS7A6050-Q1
TPS7A6133-Q1, TPS7A6150-Q1
SLVSA62H – MARCH 2010 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS7A6033-Q1 TPS7A6050-Q1 TPS7A6150-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Applicable for TPS7A61xx-Q1 only.
(2)
This test is done with VOUT in regulation and VIN – VOUT parameter is measured when VOUT (3.3 V or 5 V) drops by 100 mV at specified
loads.
7.5 Electrical Characteristics
VIN = 14 V, TJ = –40°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE (VIN PIN)
VIN
Input voltage
Fixed 5-V output, IOUT = 1 mA
5.3
40
V
Fixed 3.3-V output, IOUT = 1 mA
4
40
IQUIESCENT
Quiescent current
VIN = 8.2 V to 18 V, VENABLE
(1) = 5 V,
IOUT = 0.01 mA to 0.75 mA
25
40
µA
ISLEEP
(1)
Sleep or shutdown current
VIN = 8.2 V to 18 V, VENABLE
(1) < 0.8 V,
IOUT = 0 mA (no load), TA = 125°C
3
µA
VIN-UVLO
Undervoltage lockout voltage
Ramp VINdown until output is turned OFF
3.16
V
VIN(POWERUP)
Power-up voltage
Ramp VINup until output is turned ON
3.45
V
ENABLE INPUT (ENABLE PIN)
VIL
(1)
Logic input low level
0
0.8
V
VIH
(1)
Logic input high level
2.5
40
V
REGULATED OUTPUT VOLTAGE (VOUT PIN)
VOUT
Regulated output voltage
Fixed VOUT value (3.3 V or 5 V as applicable),
IOUT = 10 mA to 300 mA, VIN= VOUT + 1 V to 16 V
–2%
2%
∆VLINE-REG
Line regulation
VIN = 6 V to 28 V, IOUT = 10 mA, VOUT = 5 V
15
mV
VIN = 6 V to 28 V, IOUT = 10 mA, VOUT = 3.3 V
20
mV
∆VLOAD-REG
Load regulation
IOUT = 10 mA to 300 mA, VIN= 14 V, VOUT = 5 V
25
mV
IOUT = 10 mA to 300 mA, VIN = 14 V, VOUT = 3.3 V
35
mV
VDROPOUT
(2)
Dropout voltage
(VIN – VOUT)
IOUT = 250 mA
500
mV
IOUT = 150 mA
300
mV
RSW
Switch resistance
VIN to VOUT resistance
2
Ω
ICL
Output current limit
VOUT = 0 V (VOUT pin is shorted to ground)
350
1000
mA
PSRR
Power supply ripple rejection
VIN-RIPPLE = 0.5 Vpp, IOUT = 300 mA,
frequency = 100 Hz, VOUT = 5 V and VOUT = 3.3 V
60
dB
VIN-RIPPLE = 0.5 Vpp, IOUT = 300 mA,
frequency = 150 kHz, VOUT = 5 V and VOUT = 3.3 V
30
RESET (nRST PIN)
VOL
Reset pulled low
IOL = 5 mA
0.4
V
IOH
Leakage current
Reset pulled to VOUT through 5-k
Ω resistor
1
µA
VTH(POR)
Power-on-reset threshold
VOUT power up above internally set tolerance,
VOUT = 5 V
4.5
4.65
4.77
V
VOUT power up above internally set tolerance,
VOUT = 3.3 V
3.07
UVTHRES
Reset threshold
VOUT falling below internally set tolerance,
VOUT = 5 V
4.5
4.65
4.77
V
VOUT falling below internally set tolerance,
VOUT = 3.3 V
3.07


Similar Part No. - TPS7A6033QKTTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6033QKTTRQ1 TI1-TPS7A6033QKTTRQ1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
More results

Similar Description - TPS7A6033QKTTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
logo
ON Semiconductor
NCP4625HSN18T1G ONSEMI-NCP4625HSN18T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4625 ONSEMI-NCP4625 Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com