Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP9477GK-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9477GK-HF
Description  Fast Switching Characteristic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9477GK-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9477GK-HF_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9477GK-HF_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9477GK-HF_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9477GK-HF_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9477GK-HF_16 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP9477GK-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4
0
2
4
6
8
10
12
0
4
8
12
16
Q G , Total Gate Charge (nC)
I D =4A
V DS =32V
V DS =40V
V DS =48V
10
100
1000
10000
1
5
9
131721
2529
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
Q
VG
4.5V
QGS
QGD
QG
Charge
0.01
0.1
1
10
100
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0
5
10
15
20
02
46
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 150℃/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
.


Similar Part No. - AP9477GK-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9477GK-HF A-POWER-AP9477GK-HF_14 Datasheet
132Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP9477GK-HF_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com