Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS183C Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TFS183C
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS183C Datasheet(HTML) 4 Page - Vectron International, Inc

  TFS183C Datasheet HTML 1Page - Vectron International, Inc TFS183C Datasheet HTML 2Page - Vectron International, Inc TFS183C Datasheet HTML 3Page - Vectron International, Inc TFS183C Datasheet HTML 4Page - Vectron International, Inc TFS183C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Filename: tfs 183c.doc
Version 1.2
05.10.2015
Vectron International
Filter specification
TFS 183C
4/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Air reflow temperature conditions
Conditions
Exposure
Average ramp-up rate (30°C to 217°C)
less than 3°C/second
> 100°C
between 300 and 600 seconds
> 150°C
between 240 and 500 seconds
> 217°C
between 30 and 150 seconds
Peak temperature
max. 260°C
Time within 5°C of actual peak temperature
between 10 and 30 seconds
Cool-down rate (Peak to 50°C)
less than 6°C/second
Time from 30°C to Peak temperature
no greater than 300 seconds
Temperature / °C
Time / s
max. 260°C
217°C
10 ... 30 s
30 ... 150 s
max. 300 s
Chip-mount air reflow profile


Similar Part No. - TFS183C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS183A VECTRON-TFS183A Datasheet
76Kb / 5P
   Development specification
logo
List of Unclassifed Man...
TFS183B ETC-TFS183B Datasheet
92Kb / 5P
   Development specification
More results

Similar Description - TFS183C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com