Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES238 Datasheet(PDF) 8 Page - Cyrustek corporation

Part # ES238
Description  6000 Counts DMM / Peak
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES238 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES238 Datasheet HTML 4Page - Cyrustek corporation ES238 Datasheet HTML 5Page - Cyrustek corporation ES238 Datasheet HTML 6Page - Cyrustek corporation ES238 Datasheet HTML 7Page - Cyrustek corporation ES238 Datasheet HTML 8Page - Cyrustek corporation ES238 Datasheet HTML 9Page - Cyrustek corporation ES238 Datasheet HTML 10Page - Cyrustek corporation ES238 Datasheet HTML 11Page - Cyrustek corporation ES238 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
V 2.2
8
2015/12/15
ES238
6000 Counts DMM / Peak
1.2.
Voltage Measurement
A re-configurable voltage divider automatically provides a suitable range in voltage measurement
mode. 600.0mV range is independent and manual mode. It takes input signal from mVin pin. The
following table summarizes the Full-Scale ranges in each configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
Input Pin
VR1
600.0mV
1
-
mVin V.S. SGND
VR2
6.000V
1/10
VR2 (1.111MΩ)
VR1 V.S. SGND
VR3
60.00V
1/100
VR3 (101KΩ)
VR1 V.S. SGND
VR4
600.0V
1/1000
VR4 (10KΩ)
VR1 V.S. SGND
VR5
1000V
1/10000
VR5 (1KΩ)
VR1 V.S. SGND
The VST pin is used to control the voltage start range from 6.000V or 600.0V, refer to the table.
VST
V+
DGND
Floating
V-
Initial state
600.0V
6.000V
600.0V
6.000V
The ES238 provide two types of the hazardous live voltage warning by different condition.
SEL2
V+
DGND
Floating
V-
DCV
35V
70V
ACV
16V
33V
PEAK
22.6V
46.7V
When the voltage measured exceeds the level defined, the buzzer generates 2KHz beep and
ALARM (pin 57) drive high output (V+ level) periodically. It can remind the user to notice the
hazardous voltage. The buzzer sound warning could be cancelled by DIS (pin94).
DIS
V+
DGND
Floating
V-
Buzzer
Disable
Enable


Similar Part No. - ES238

ManufacturerPart #DatasheetDescription
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
More results

Similar Description - ES238

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com