Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXRS290BCEZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADXRS290BCEZ-RL7
Description  Ultralow Noise, Dual-Axis MEMS Gyroscope
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS290BCEZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXRS290BCEZ-RL7 Datasheet HTML 3Page - Analog Devices ADXRS290BCEZ-RL7 Datasheet HTML 4Page - Analog Devices ADXRS290BCEZ-RL7 Datasheet HTML 5Page - Analog Devices ADXRS290BCEZ-RL7 Datasheet HTML 6Page - Analog Devices ADXRS290BCEZ-RL7 Datasheet HTML 7Page - Analog Devices ADXRS290BCEZ-RL7 Datasheet HTML 8Page - Analog Devices ADXRS290BCEZ-RL7 Datasheet HTML 9Page - Analog Devices ADXRS290BCEZ-RL7 Datasheet HTML 10Page - Analog Devices ADXRS290BCEZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
ADXRS290
220
180
185
190
195
200
205
210
215
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
Figure 10. X-Axis Sensitivity vs. Temperature (N = 16)
250
–250
–200
–150
–100
–50
0
50
100
150
200
0
80
70
60
50
40
30
20
10
TIME (ms)
REFERENCE
ADXRS290
Figure 11. Rate Output Saturation Behavior
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
60
–20
–10
0
10
20
30
40
50
0
0.20
0.15
0.10
0.05
TIME (Seconds)
X-AXIS
Y-AXIS
INPUT REFERENCE
Figure 12. Response to 50 g, 10 ms Half-Sine Shock Along the Z-Axis
(Out-of-Plane), HPF = Off and LPF = 480 Hz
220
180
185
190
195
200
205
210
215
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
Figure 13. Y-Axis Sensitivity vs. Temperature (N = 16)
0.20
0.15
–0.20
–0.10
–0.05
–0.15
0
0.10
0.05
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
1
10
FREQUENCY (kHz)
X OUTPUT (AVERAGE)
Y OUTPUT (AVERAGE)
X OUTPUT (RMS)
Y OUTPUT (RMS)
Figure 14. Response to 10 g Sine Vibration Along the Z-Axis (Out-of-Plane),
HPF = Off and LPF = 480 Hz
0.1
0.00001
0.0001
0.001
0.01
0.1
100
10
1
10k
1k
FREQUENCY (Hz)
X-AXIS
Y-AXIS
Figure 15. Typical Noise Spectral Density
Rev. A | Page 7 of 19


Similar Part No. - ADXRS290BCEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150ABG AD-ADXRS150ABG Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150ABG-REEL AD-ADXRS150ABG-REEL Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS150EB AD-ADXRS150EB Datasheet
81Kb / 1P
   150/s Single Chip Rate Gyro Evaluation Board
REV. 0
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

Similar Description - ADXRS290BCEZ-RL7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPU-6500 TDK-MPU-6500 Datasheet
2Mb / 48P
   Triple-axis MEMS gyroscope
ITG-3200 TDK-ITG-3200 Datasheet
893Kb / 39P
   Triple-axis MEMS gyroscope
ITG-3400 TDK-ITG-3400 Datasheet
1Mb / 41P
   Triple-axis MEMS gyroscope
MPU-9255 TDK-MPU-9255 Datasheet
474Kb / 42P
   Triple-axis MEMS gyroscope
IDG-2030U TDK-IDG-2030U Datasheet
293Kb / 1P
   Miniature Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1020S TDK-ICG-1020S Datasheet
316Kb / 1P
   Thinnest Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1020P TDK-ICG-1020P Datasheet
316Kb / 1P
   Thinnest and Highest Performance Dual-Axis OIS Optimized MEMS Gyroscope
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com