Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2981IM5X-3.3 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP2981IM5X-3.3
Description  Micropower 100-mA Ultralow Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981IM5X-3.3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2981IM5X-3.3 Datasheet HTML 3Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 4Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 5Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 6Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 7Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 8Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 9Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 10Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
LP2981-N
www.ti.com
SNOS773N – MARCH 2000 – REVISED APRIL 2016
Product Folder Links: LP2981-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 1 mA, COUT = 1 μF, VON/OFF = 2 V.
(1)
PARAMETER
TEST CONDITIONS
LP2981AI-XX(2)
LP2981I-XX(2)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
(5)
See related curve(s) in Typical Characteristics section.
en
Output noise voltage
(RMS)
BW = 300 Hz to 50 kHz
COUT = 10 μF
160
160
μV
ΔVO/ΔVIN Ripple rejection
ƒ = 1 kHz, COUT = 10 μF
63
63
dB
IO(MAX)
Short-circuit current
RL = 0 Ω (steady state)
(5)
150
150
mA


Similar Part No. - LP2981IM5X-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981IM5X-3.3 NSC-LP2981IM5X-3.3 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2981IM5X-3.3 TI1-LP2981IM5X-3.3 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5X-3.3 TI1-LP2981IM5X-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5X-3.3 TI-LP2981IM5X-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5X-3.3 TI1-LP2981IM5X-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results

Similar Description - LP2981IM5X-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
TPS76901-HT TI-TPS76901-HT_15 Datasheet
879Kb / 22P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP2992 TI1-LP2992_15 Datasheet
1Mb / 35P
[Old version datasheet]   Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
logo
ON Semiconductor
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
Microchip Technology
MIC5200 MICROCHIP-MIC5200 Datasheet
320Kb / 24P
   100 mA Low-Dropout Regulator
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com