Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1450WBCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADAU1450WBCPZ
Description  SigmaDSP Digital Audio Processor
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1450WBCPZ Datasheet(HTML) 4 Page - Analog Devices

  ADAU1450WBCPZ Datasheet HTML 1Page - Analog Devices ADAU1450WBCPZ Datasheet HTML 2Page - Analog Devices ADAU1450WBCPZ Datasheet HTML 3Page - Analog Devices ADAU1450WBCPZ Datasheet HTML 4Page - Analog Devices ADAU1450WBCPZ Datasheet HTML 5Page - Analog Devices ADAU1450WBCPZ Datasheet HTML 6Page - Analog Devices ADAU1450WBCPZ Datasheet HTML 7Page - Analog Devices ADAU1450WBCPZ Datasheet HTML 8Page - Analog Devices ADAU1450WBCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 180 page
background image
ADAU1452/ADAU1451/ADAU1450
Data Sheet
GENERAL DESCRIPTION
The ADAU1452/ADAU1451/ADAU1450 are automotive qualified
audio processors that far exceed the digital signal processing
capabilities of earlier SigmaDSP® devices. The restructured
hardware architecture is optimized for efficient audio processing.
The audio processing algorithms are realized in sample-by-sample
and block-by-block paradigms that can both be executed simul-
taneously in a signal processing flow created using the graphical
programming tool, SigmaStudio™. The restructured digital signal
processor (DSP) core architecture enables some types of audio
processing algorithms to be executed using significantly fewer
instructions than were required on previous SigmaDSP
generations, leading to vastly improved code efficiency.
The 1.2 V, 32-bit DSP core can run at frequencies of up to
294.912 MHz and execute up to 6144 instructions per sample at
the standard sample rate of 48 kHz. However, in addition to
industry standard rates, a wide range of sample rates are
available. The integer PLL and flexible clock generator hardware
can generate up to 15 audio sample rates simultaneously. These
clock generators, along with the on board asynchronous sample
rate converters (ASRCs) and a flexible hardware audio routing
matrix, make the ADAU1452/ADAU1451/ADAU1450 ideal
audio hubs that greatly simplify the design of complex multirate
audio systems.
The ADAU1452/ADAU1451/ADAU1450 interface with a wide
range of ADCs, DACs, digital audio devices, amplifiers, and
control circuitry, due to their highly configurable serial ports,
S/PDIF interfaces (on the ADAU1452 and ADAU1451), and
multipurpose input/output pins. They can also directly interface
with PDM output MEMS microphones, thanks to integrated
decimation filters specifically designed for that purpose.
Independent slave and master I2C/SPI control ports allow the
ADAU1452/ADAU1451/ADAU1450 not only to be programmed
and configured by an external master device, but also to act as
masters that can program and configure external slave devices
directly. This flexibility, combined with self boot functionality,
enables the design of standalone systems that do not require any
external input to operate.
The power efficient DSP core executes full programs while
consuming only a few hundred milliwatts (mW) of power and
can run at a maximum program load while consuming less than
a watt, even in worst case temperatures exceeding 100°C. This
relatively low power consumption and small footprint make the
ADAU1452/ADAU1451/ADAU1450 ideal replacements for large,
general-purpose DSPs that consume more power at the same
processing load.
DIFFERENCES BETWEEN THE ADAU1452,
ADAU1451, AND ADAU1450
The three variants of this device are differentiated by memory,
DSP core frequency, availability of S/PDIF interfaces, and ASRC
configuration. A detailed summary of the differences is listed in
Table 1.
Because the ADAU1450 does not contain an S/PDIF receiver or
transmitter, the SPDIFIN and SPDIFOUT pins are nonfunctional.
Also, the settings of any registers related to the S/PDIF input or
output in the ADAU1450 do not have any effect on the operation
of the device.
Likewise, because the ADAU1450 does not contain ASRCs, the
settings of any registers related to the ASRCs in the ADAU1450
do not have any effect on the operation of the device.
Table 1. Product Selection Table
Device
Number
Data Memory
(kWords)
Program Memory
(kWords)
DSP Core
Frequency
S/PDIF Input and
Output
ASRC Configuration
ADAU1452
40
8
294.912 MHz
Available
16 channels (8 rates × 2 channels per rate)
ADAU1451
16
8
294.912 MHz
Available
16 channels (8 rates × 2 channels per rate)
ADAU1450
8
8
147.456 MHz
Not available
No ASRCs included
Rev. C | Page 4 of 180


Similar Part No. - ADAU1450WBCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1401 AD-ADAU1401 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401A AD-ADAU1401A Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401AWBSTZ AD-ADAU1401AWBSTZ Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1401AWBSTZ AD-ADAU1401AWBSTZ Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
More results

Similar Description - ADAU1450WBCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1467 AD-ADAU1467 Datasheet
6Mb / 207P
   SigmaDSP Digital Audio Processor
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
   SigmaDSP Digital Audio Processor
REV. C
ADAU1472 AD-ADAU1472 Datasheet
587Kb / 34P
   SigmaDSP Digital Audio Processor
ADAU1462 AD-ADAU1462 Datasheet
9Mb / 202P
   SigmaDSP Digital Audio Processor
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com