Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5401BCPZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG5401BCPZ-RL7
Description  High Voltage Latch-Up Proof, Single SPST Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401BCPZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG5401BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 12Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 13Page - Analog Devices ADG5401BCPZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADG5401
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. On Resistance as a Function of VS, VD (Dual Supply)
Figure 5. On Resistance as a Function of VS, VD (Single Supply)
Figure 6. On Resistance as a Function of VS (VD) for Different Temperatures,
±15 V Dual Supply
Figure 7. On Resistance as a Function of VS (VD) for Different Temperatures,
±20 V Dual Supply
Figure 8. On Resistance as a Function of VS (VD) for Different Temperatures,
12 V Single Supply
Figure 9. On Resistance as a Function of VS (VD) for Different Temperatures,
36 V Single Supply
0
1
2
3
4
5
6
7
8
–25
–20
–15
–5
–10
–5
0
5
10
15
20
25
VS, VD (V)
±13.5V
±15.0V
±16.5V
±18.0V
±20.0V
±22.0V
TA = 25°C
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
VS, VD (V)
+10.8V
+12.0V
+13.2V
+32.4V
+36.0V
+39.6V
TA = 25°C
0
2
4
6
8
10
12
–15
–10
–5
0
5
10
15
VS, VD (V)
+125°C
+85°C
+25°C
–40°C
0
2
4
6
8
10
12
–20
–15
–10
–5
0
5
10
15
20
+125°C
+85°C
+25°C
–40°C
VS, VD (V)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
VS, VD (V)
+125°C
+85°C
+25°C
–40°C
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
VS, VD (V)
+125°C
+85°C
+25°C
–40°C
Rev. A | Page 10 of 17


Similar Part No. - ADG5401BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5401F AD-ADG5401F Datasheet
566Kb / 32P
   Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
ADG5401F AD-ADG5401F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG5401FBCPZ-RL7 AD-ADG5401FBCPZ-RL7 Datasheet
566Kb / 32P
   Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
More results

Similar Description - ADG5401BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5419 AD-ADG5419 Datasheet
309Kb / 19P
   High Voltage Latch-Up Proof, Single SPDT Switch
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
   High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5412 AD-ADG5412 Datasheet
314Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
   High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com