Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG5243F Datasheet(PDF) 6 Page - Analog Devices

Part # ADG5243F
Description  User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5243F Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG5243F Datasheet HTML 2Page - Analog Devices ADG5243F Datasheet HTML 3Page - Analog Devices ADG5243F Datasheet HTML 4Page - Analog Devices ADG5243F Datasheet HTML 5Page - Analog Devices ADG5243F Datasheet HTML 6Page - Analog Devices ADG5243F Datasheet HTML 7Page - Analog Devices ADG5243F Datasheet HTML 8Page - Analog Devices ADG5243F Datasheet HTML 9Page - Analog Devices ADG5243F Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ADG5243F
Data Sheet
Rev. 0 | Page 6 of 30
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
165
ns typ
RL = 1 kΩ, CL = 35 pF
210
230
235
ns max
VS = 10 V, see Figure 46
tON (EN)
170
ns typ
RL = 1 kΩ, CL = 35 pF
215
240
250
ns max
VS = 10 V, see Figure 45
tOFF (EN)
70
ns typ
RL = 1 kΩ, CL = 35 pF
85
115
115
ns max
VS = 10 V, see Figure 45
Break-Before-Make Time Delay, tD
120
ns typ
RL = 1 kΩ, CL = 35 pF
85
ns min
VS = 10 V, see Figure 44
Overvoltage Response Time, tRESPONSE
75
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 39
105
105
105
ns max
Overvoltage Recovery Time, tRECOVERY
820
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 40
1100
1250
1400
ns max
Interrupt Flag Response Time, tDIGRESP
75
ns typ
CL = 12 pF, see Figure 41
Interrupt Flag Recovery Time, tDIGREC
65
µs typ
CL = 12 pF, see Figure 42
1000
ns typ
CL = 12 pF, RPULLUP = 1 kΩ, see Figure 43
Charge Injection, QINJ
−1.2
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, see Figure 47
Off Isolation
−74
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 36
Channel-to-Channel Crosstalk
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 38
Total Harmonic Distortion Plus Noise, THD + N
0.005
% typ
RL = 10 kΩ, VS = 20 V p-p, f = 20 Hz to
20 kHz, see Figure 35
−3 dB Bandwidth
350
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 37
Insertion Loss
10.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 37
CS (Off)
4
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
4
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
10
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = POSFV = +22 V, VSS = NEGFV = −22 V,
GND = 0 V, digital inputs = 0 V, 5 V, or VDD
Normal Mode
IDD
1.3
mA typ
IPOSFV
0.15
mA typ
IDD + IPOSFV
2
2.1
mA max
IGND
0.75
mA typ
1.25
1.4
mA max
ISS
0.65
mA typ
INEGFV
0.2
mA typ
ISS + INEGFV
1.0
1.0
mA max
Fault Mode
VS = ±55 V, all channels in fault
IDD
1.4
mA typ
IPOSFV
0.2
mA typ
IDD + IPOSFV
2.5
2.8
mA max
IGND
0.9
mA typ
1.8
1.9
mA max
ISS
0.55
mA typ
INEGFV
0.2
mA typ
ISS + INEGFV
1.0
1.1
mA max
VDD/VSS
±5
V min
GND = 0 V
±22
V max
GND = 0 V
1
Guaranteed by design; not subject to production test.


Similar Part No. - ADG5243F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5248F AD-ADG5248F Datasheet
663Kb / 33P
   User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
ADG5248FBRUZ AD-ADG5248FBRUZ Datasheet
663Kb / 33P
   User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
ADG5248FBRUZ-RL7 AD-ADG5248FBRUZ-RL7 Datasheet
663Kb / 33P
   User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
ADG5249FBRUZ AD-ADG5249FBRUZ Datasheet
663Kb / 33P
   User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
ADG5249FBRUZ-RL7 AD-ADG5249FBRUZ-RL7 Datasheet
663Kb / 33P
   User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
More results

Similar Description - ADG5243F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5248F AD-ADG5248F Datasheet
663Kb / 33P
   User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
ADG5462F AD-ADG5462F Datasheet
634Kb / 29P
   User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
ADG5436F AD-ADG5436F Datasheet
1Mb / 30P
   Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
logo
Keysight Technologies
N1019A KEYSIGHT-N1019A Datasheet
1Mb / 11P
   N1019A User Defined Application
N5430A KEYSIGHT-N5430A Datasheet
6Mb / 8P
   Infiniium User-Defined Function
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Keysight Technologies
N5467B KEYSIGHT-N5467B Datasheet
7Mb / 13P
   Infiniium User Defined Application (UDA)
logo
Analog Devices
ADG5412F AD-ADG5412F Datasheet
581Kb / 28P
   Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com