Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA8282 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA8282
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 4 Page - Analog Devices

  ADA8282 Datasheet HTML 1Page - Analog Devices ADA8282 Datasheet HTML 2Page - Analog Devices ADA8282 Datasheet HTML 3Page - Analog Devices ADA8282 Datasheet HTML 4Page - Analog Devices ADA8282 Datasheet HTML 5Page - Analog Devices ADA8282 Datasheet HTML 6Page - Analog Devices ADA8282 Datasheet HTML 7Page - Analog Devices ADA8282 Datasheet HTML 8Page - Analog Devices ADA8282 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADA8282
Data Sheet
Rev. 0 | Page 4 of 21
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Total Power Dissipation
PGA_BIAS_SEL = b’00, LNA_BIAS_SEL = b’00
73
mW
PGA_BIAS_SEL = b’01, LNA_BIAS_SEL = b’01
106
mW
PGA_BIAS_SEL = b’01, LNA_BIAS_SEL = b’10
139
mW
PGA_BIAS_SEL = b’11, LNA_BIAS_SEL = b’11
219
mW
Power Dissipation per Channel
31
mW
AVDD
3.0
3.6
V
VIO
1.8
3.6
V
IAVDD
Four channels active
PGA_BIAS_SEL = b’00, LNA_BIAS_SEL = b’00
19.6
22
mA
PGA_BIAS_SEL = b’01, LNA_BIAS_SEL = b’01
29
32
mA
PGA_BIAS_SEL = b’01, LNA_BIAS_SEL = b’10
37.7
42
mA
PGA_BIAS_SEL = b’11, LNA_BIAS_SEL = b’11
60
66.3
mA
One channel active
9.8
11
mA
IVIO
10
12
μA
Power-Down Current
IAVDD and IVIO
20
100
μA
Power-Down Dissipation
0.07
0.33
mW
Power-Up Time
Time to operational after chip is enabled
5
μs
Power Supply Rejection Ratio (PSRR)
At dc
−80
dB
At 1 MHz
−80
dB
INPUT
Input Resistance
Differential Input Resistance
1.45
1.57
1.7
Common-Mode Input Resistance
0.37
0.39
0.42
Differential Input Capacitance
10.8
12
13.2
pF
OUTPUT
Output Voltage Swing
+OUTx (−OUTx), gain = 18 dB
3.1
V p-p
+OUTx (−OUTx), gain = 24 dB, 30 dB, or 36 dB
6.3
V p-p
Output Balance
fIN = 100 kHz
−70
dB
Short-Circuit Current
Per output at 25°C
205
mA
Capacitive Load
20% overshoot
30
pF
1 Normalized to 0° phase matching at 25°C; see the Theory of Operation section for details.
DIGITAL SPECIFICATIONS
AVDD = 3.3 V, TA = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Temperature
Min
Typ
Max
Unit
LOGIC INPUT (CS)
Logic 1 Voltage
Full
1.2
VIO + 0.3
V
Logic 0 Voltage
Full
0.3
V
Input Resistance
25°C
15
Input Capacitance
25°C
0.5
pF
LOGIC INPUTS (SDI, SCLK, RESET)
Logic 1 Voltage
Full
1.2
VIO + 0.3
V
Logic 0 Voltage
Full
0
0.3
V
Input Resistance
25°C
2.5
Input Capacitance
25°C
2
pF
Maximum SCLK Frequency
10
MHz
LOGIC OUTPUT (SDO)
Logic 1 Voltage (IOH = 800 μA)
Full
VIO − 0.3
V
Logic 0 Voltage (IOL = 50 μA)
Full
0.3
V


Similar Part No. - ADA8282

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA8282 AD-ADA8282 Datasheet
596Kb / 27P
   6-Channel LNA/PGA/AAF with ADC
More results

Similar Description - ADA8282

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD8285 AD-AD8285 Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8283 AD-AD8283 Datasheet
578Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
AD8284 AD-AD8284 Datasheet
632Kb / 28P
   Radar Receive Path AFE - 4-Channel Mux
AD8284 AD-AD8284_17 Datasheet
670Kb / 29P
   Radar Receive Path AFE: 4-Channel Mux
AD8283 AD-AD8283_15 Datasheet
596Kb / 27P
   6-Channel LNA/PGA/AAF with ADC
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
logo
TriQuint Semiconductor
TQM640002 TRIQUINT-TQM640002 Datasheet
695Kb / 16P
   GPS LNA-Filter Receive Module
logo
Skyworks Solutions Inc.
SKY13750 SKYWORKS-SKY13750 Datasheet
165Kb / 2P
   MB/HB Diversity Receive LNA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com