Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA8282 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA8282
Description  6-Channel LNA/PGA/AAF with ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 4Page - Analog Devices ADA8282 Datasheet HTML 5Page - Analog Devices ADA8282 Datasheet HTML 6Page - Analog Devices ADA8282 Datasheet HTML 7Page - Analog Devices ADA8282 Datasheet HTML 8Page - Analog Devices ADA8282 Datasheet HTML 9Page - Analog Devices ADA8282 Datasheet HTML 10Page - Analog Devices ADA8282 Datasheet HTML 11Page - Analog Devices ADA8282 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 8 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
DSYNC
PDWN
DVDD18
SCLK
SDIO
CS
AUX
MUXA
ZSEL
TEST1
TEST2
DVDD33SPI
AVDD18
AVDD33A
INA–
17
INA+
18
NC
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
NC
TEST4
DVDD18CLK
CLK+
CLK–
DVDD33CLK
AVDD33REF
VREF
RBIAS
BAND
APOUT
ANOUT
TEST3
AVDD18ADC
AVDD18
INADC+
INADC–
NC
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PADDLE SHOULD BE TIED TO ANALOG/DIGITAL GROUND PLANE.
PIN 1
INDICATOR
AD8283
(TOP VIEW)
Figure 3.
Table 6. Pin Function Descriptions
Pin No.
Name
Description
0
GND
Ground. Exposed paddle on the bottom side; should be tied to the analog/digital ground plane.
1
NC
No Connection. Pin can be tiedto any potential.
2
DSYNC
Data Out Synchronization.
3
PDWN
Full Power-Down. Logic high overrides SPI and powers down the part, logic low allows selectionthrough SPI.
4
DVDD18
1.8 V Digital Supply.
5
SCLK
Serial Clock.
6
SDIO
Serial Data Input/Output.
7
CS
Chip Select Bar.
8
AUX
Logic high forces to Channel ADC (INADC+/INADC−); AUX has a higher priority than MUXA.
9
MUXA
Logic high forces to Channel A unless AUX is asserted.
10
ZSEL
Input Impedance Select. Logic high overrides SPI and sets it to 200 kΩ; logic low allows selectionthrough SPI.
11
TEST1
Pin should not be used; tie to ground.
12
TEST2
Pin should not be used; tie to ground.
13
DVDD33SPI
3.3 V Digital Supply, SPI Port.
14
AVDD18
1.8 V Analog Supply.
15
AVDD33A
3.3 V Analog Supply, Channel A.
16
INA−
Negative LNA Analog Input for Channel A.
17
INA+
Positive LNA Analog Input for Channel A.
18
NC
No Connect. Pin can be tiedto any potential.
19
NC
No Connect. Pin can be tiedto any potential.
20
NC
No Connect. Pin can be tiedto any potential.
21
AVDD33B
3.3 V Analog Supply, Channel B.
22
INB−
Negative LNA Analog Input for Channel B.
23
INB+
Positive LNA Analog Input for Channel B.
24
AVDD33C
3.3 V Analog Supply, Channel C.
25
INC−
Negative LNA Analog Input for Channel C.
26
INC+
Positive LNA Analog Input for Channel C.


Similar Part No. - ADA8282

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA8282 AD-ADA8282 Datasheet
511Kb / 21P
   Radar Receive Path AFE - 4-Channel LNA and PGA
ADA8282CP-EBZ AD-ADA8282CP-EBZ Datasheet
511Kb / 21P
   Radar Receive Path AFE - 4-Channel LNA and PGA
ADA8282WBCPZ AD-ADA8282WBCPZ Datasheet
511Kb / 21P
   Radar Receive Path AFE - 4-Channel LNA and PGA
ADA8282WBCPZ-R7 AD-ADA8282WBCPZ-R7 Datasheet
511Kb / 21P
   Radar Receive Path AFE - 4-Channel LNA and PGA
More results

Similar Description - ADA8282

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
AD8283 AD-AD8283 Datasheet
578Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
AD8285 AD-AD8285 Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com