Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6679 Datasheet(PDF) 8 Page - Analog Devices

Part # AD6679
Description  135 MHz BW IF Diversity Receiver
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6679 Datasheet HTML 4Page - Analog Devices AD6679 Datasheet HTML 5Page - Analog Devices AD6679 Datasheet HTML 6Page - Analog Devices AD6679 Datasheet HTML 7Page - Analog Devices AD6679 Datasheet HTML 8Page - Analog Devices AD6679 Datasheet HTML 9Page - Analog Devices AD6679 Datasheet HTML 10Page - Analog Devices AD6679 Datasheet HTML 11Page - Analog Devices AD6679 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
AD6679
Data Sheet
Rev. B | Page 8 of 81
Parameter
Temperature
Min
Typ
Max
Unit
LOGIC OUTPUT (SDIO)
Logic Compliance
Full
CMOS
Logic 1 Voltage (IOH = 800 µA)
Full
0.8 × SPIVDD
V
Logic 0 Voltage (IOL = 50 µA)
Full
0.2 × SPIVDD
V
LOGIC OUTPUTS (FD_A, FD_B)
Logic Compliance
Full
CMOS
Logic 1 Voltage
Full
0.8
SPIVDD
V
Logic 0 Voltage
Full
0
0
V
Input Resistance
Full
30
kΩ
DIGITAL OUTPUTS (D0± to D13±, A Dx/Dy± and B Dx/Dy±,
DATA0± to DATA7±, DCO±, OVR±, FCO±, and STATUS±)
Logic Compliance
Full
LVDS
ANSI Mode
Differential Output Voltage (VOD)
Full
230
350
430
mV
Output Offset Voltage (VOS)
Full
0.58
0.70
0.85
V
Reduced Swing Mode
Differential Output Voltage (VOD)
Full
120
200
235
mV
Output Offset Voltage (VOS)
Full
0.59
0.70
0.83
V
SWITCHING SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.50 V, AVDD3 = 3.3 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified maximum sampling
rate, 1.0 V internal reference, AIN = −1.0 dBFS, clock divider = 2, default SPI settings, unless otherwise noted.
Table 4.
Parameter
Temperature
Min
Typ
Max
Unit
CLOCK
Clock Rate (at CLK+/CLK− Pins)
Full
0.3
4
GHz
Sample Rate
Maximum1
Full
500
MSPS
Minimum2
Full
250
MSPS
Clock Pulse Width
High
Full
1000
ps
Low
Full
1000
ps
LVDS DATA OUTPUT
Data Propagation Delay (tPD)3
Full
2.225
ns
DCO± Propagation Delay (tDCO)3
Full
2.2
ns
DCO± to Data Skew—Rising Edge Data (tSKEWR)3
Full
−150
−25
+100
ps
DCO± to Data Skew—Falling Edge Data (tSKEWF)3
Full
−150
−25
+100
ps
DCO± and Data Duty Cycle
Full
44
50
56
%
FCO± Propagation Delay (tFCO)4
Full
2.2
ns
DCO± to FCO± Skew (tFRAME)4
Full
−150
−25
+100
ps
DCO Output Frequency
Full
500
MHz
Output Date Rate
Full
1000
Mbps
LATENCY
Pipeline Latency
Full
33
Clock cycles
NSR Latency5
Full
8
Clock cycles
NSR HB Filter Latency5
Full
24
Clock cycles
VDR Latency5
Full
8
Clock cycles
HB1 Filter Latency5
Full
50
Clock cycles
HB1 + HB2 Filter Latency5
Full
101
Clock cycles
HB1 + HB2 + HB3 Filter Latency5
Full
217
Clock cycles
HB1 + HB2 + HB3 + HB4 Filter Latency5
Full
433
Clock cycles
Fast Detect Latency
Full
28
Clock cycles


Similar Part No. - AD6679

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6679 AD-AD6679 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679-500EBZ AD-AD6679-500EBZ Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679BBPZ-500 AD-AD6679BBPZ-500 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679BBPZRL7-500 AD-AD6679BBPZRL7-500 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
More results

Similar Description - AD6679

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com