Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8556TME-E09 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP8556TME-E09
Description  High-Efficiency LED Backlight Driver for Tablets
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556TME-E09 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP8556TME-E09 Datasheet HTML 4Page - Texas Instruments LP8556TME-E09 Datasheet HTML 5Page - Texas Instruments LP8556TME-E09 Datasheet HTML 6Page - Texas Instruments LP8556TME-E09 Datasheet HTML 7Page - Texas Instruments LP8556TME-E09 Datasheet HTML 8Page - Texas Instruments LP8556TME-E09 Datasheet HTML 9Page - Texas Instruments LP8556TME-E09 Datasheet HTML 10Page - Texas Instruments LP8556TME-E09 Datasheet HTML 11Page - Texas Instruments LP8556TME-E09 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
8
LP8556
SNVS871I – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Minimum (MIN) and Maximum (MAX) limits are verified by design, test, or statistical analysis. Typical numbers are for information only.
(2)
Verified by design and not tested in production.
(3)
Start-up time is measured from the moment boost is activated until the VBOOST crosses 90% of its target value.
(4)
1.8 A is the maximum ISW_LIM supported with the DSBGA package. For applications requiring the ISW_LIM to be greater than 1.8 A and
up to 2.6 A, WQFN package should be considered.
7.6 Electrical Characteristics — Boost Converter
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDS_ON
Switch ON resistance
ISW = 0.5A
0.19
VBOOST_MIN
Boost minimum output
voltage
VBOOST_RANGE = 0
VBOOST_RANGE = 1
7
16
V
VBOOST_MAX
Boost maximum output
voltage
VBOOST_MAX = 100, VBOOST_RANGE = 0
VBOOST_MAX = 101, VBOOST_RANGE = 0
VBOOST_MAX = 110, VBOOST_RANGE = 0
VBOOST_MAX = 111, VBOOST_RANGE = 0
19
24.0
28.0
32
21
25
30
34
22
27
32
37
V
VBOOST_MAX = 010, VBOOST_RANGE = 1
VBOOST_MAX = 011, VBOOST_RANGE = 1
VBOOST_MAX = 100, VBOOST_RANGE = 1
VBOOST_MAX = 101, VBOOST_RANGE = 1
VBOOST_MAX = 110, VBOOST_RANGE = 1
VBOOST_MAX = 111, VBOOST_RANGE = 1
17.9
22.8
27.8
32.7
37.2
41.8
21
25
30
34.5
39
43
23.1
27.2
31.5
36.6
40.8
44.2
V
ILOAD_MAX
Maximum continuous output
load current
VIN = 3 V, VOUT = 18 V
220
mA
VIN = 3 V, VOUT = 24 V
160
VIN = 3 V, VOUT = 30 V
120
VOUT/VIN
Conversion ratio(2)
fSW = 625 kHz
15
fSW = 1250 kHz
12
fSW
Switching frequency
BOOST_FREQ = 00
BOOST_FREQ = 01
BOOST_FREQ = 10
312
625
1250
kHz
VOVP
Overvoltage protection
voltage
VBOOST_RANGE = 1
VBOOST + 1.6
V
VUVLO
VIN undervoltage lockout
threshold
UVLO_EN = 1
V
UVLO_TH = 0, falling
UVLO_TH = 1, falling
2.5
5.2
VUVLO_hyst
VUVLO hysteresis
VUVLO[rising]
VUVLO[falling]
UVLO_TH = 0
50
mV
UVLO_TH = 1
100
tPULSE
Switch minimum pulse width
No load
50
ns
tSTARTUP
Start-up time
See(3)
8
ms
ISW_LIM
SW pin current limit(4)
IBOOST_LIM_2X = 0
IBOOST_LIM = 00
IBOOST_LIM = 01
IBOOST_LIM = 10
IBOOST_LIM = 11
0.66
0.88
1.12
1.35
0.9
1.2
1.5
1.8
1.16
1.40
1.73
2.07
A
IBOOST_LIM_2X = 1
IBOOST_LIM = 00
IBOOST_LIM = 01
IBOOST_LIM = 10
1.6
2.1
2.6
A
ΔVSW /
toff_on
SW pin slew rate during OFF
to ON transition
EN_DRV3 = 0 AND EN_DRV2 = 0
EN_DRV3 = 0 AND EN_DRV2 = 1
EN_DRV3 = 1 AND EN_DRV2 = 1
3.7
5.3
7.5
V/ns
ΔVSW /
ton_off
SW pin slew rate during ON
to OFF transition
EN_DRV3 = 0 AND EN_DRV2 = 0
EN_DRV3 = 0 AND EN_DRV2 = 1
EN_DRV3 = 1 AND EN_DRV2 = 1
1.9
4.4
4.8
V/ns
ΔtON / tSW
Peak-to-peak switch ON
time deviation to SW period
ratio (spread spectrum
feature)
SSCLK_EN = 1
1%


Similar Part No. - LP8556TME-E09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8556TME-E09/NOPB TI-LP8556TME-E09/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
More results

Similar Description - LP8556TME-E09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
[Old version datasheet]   High-Efficiency LED Backlight Driver For Tablets
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com