Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8556TME-E09 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP8556TME-E09
Description  High-Efficiency LED Backlight Driver for Tablets
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556TME-E09 Datasheet(HTML) 5 Page - Texas Instruments

  LP8556TME-E09 Datasheet HTML 1Page - Texas Instruments LP8556TME-E09 Datasheet HTML 2Page - Texas Instruments LP8556TME-E09 Datasheet HTML 3Page - Texas Instruments LP8556TME-E09 Datasheet HTML 4Page - Texas Instruments LP8556TME-E09 Datasheet HTML 5Page - Texas Instruments LP8556TME-E09 Datasheet HTML 6Page - Texas Instruments LP8556TME-E09 Datasheet HTML 7Page - Texas Instruments LP8556TME-E09 Datasheet HTML 8Page - Texas Instruments LP8556TME-E09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
LP8556
www.ti.com
SNVS871I – JULY 2012 – REVISED MARCH 2016
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
A: Analog Pin, G: Ground Pin, P: Power Pin, I: Digital Input Pin, I/O: Digital Input/Output Pin
Pin Functions
PIN
TYPE(1)
DESCRIPTION
DSBGA
WQFN
NAME
A1, B1
1, 2
SW
A
A connection to the drain terminal of the integrated power MOSFET.
A2, B2
3, 4
GND_SW
G
A connection to the source terminal of the integrated power MOSFET.
A3
5
SDA
I/O
I2C data input/output pin
A4
6
SCL
I
I2C clock input pin
B3
9
PWM
I
PWM dimming input. Supply a 75-Hz to 25-kHz PWM signal to control
dimming. This pin must be connected to GND if unused.
B4
7
EN / VDDIO
P
Dual-purpose pin serving both as a chip enable and as a power supply
reference for PWM, SDA, and SCL inputs. Drive this pin with a logic
gate capable of sourcing a minimum of 1 mA.
C1
22
VDD
P
Device power supply pin. Provide 2.7-V to 20-V supply to this pin. This
pin is an input of the internal LDO regulator. The output of the internal
LDO is what powers the device.
C2
20
VBOOST
A
Boost converter output pin. The internal feedback (FB) and overvoltage
protection (OVP) circuitry monitors the voltage on this pin. Connect the
converter output capacitor bank close to this pin.
C3
21
FSET
A
A connection for setting the boost frequency and PWM output dimming
frequency by using an external resistor. Connect a resistor, RFSET,
between this pin and the ground reference (see Table 5). This pin may
be left floating if PWM_FSET_EN = 0 AND BOOST_FSET_EN = 0
(see Table 10).
C4
14
LED3
A
LED driver - current sink terminal. If unused, it may be left floating.
D1
19
VLDO
P
Internal LDO output pin. Connect a capacitor, CVLDO, between this pin
and the ground reference.
D2
23
ISET
A
A connection for the LED current set resistor. Connect a resistor,
RISET, between this pin and the ground reference. This pin may be left
floating if ISET_EN = 0 (see Table 10).
D3
10, 11, 15, 24,
DAP
GND
I
Ground pin.
D4
13
LED2
A
LED driver - current sink pin. If unused, it may be left floating.
E1
18
LED6
A
LED driver - current sink pin. If unused, it may be left floating.
E2
17
LED5
A
LED driver - current sink pin. If unused, it may be left floating.
E3
16
LED4
A
LED driver - current sink pin. If unused, it may be left floating.
E4
12
LED1
A
LED driver - current sink pin. If unused, it may be left floating.
8
NC
No Connect pin.


Similar Part No. - LP8556TME-E09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8556TME-E09/NOPB TI-LP8556TME-E09/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
More results

Similar Description - LP8556TME-E09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
[Old version datasheet]   High-Efficiency LED Backlight Driver For Tablets
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com