Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC832 Datasheet(PDF) 4 Page - NEC

Part # UPC832
Description  Bipolar Analog Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC832 Datasheet(HTML) 4 Page - NEC

  UPC832 Datasheet HTML 1Page - NEC UPC832 Datasheet HTML 2Page - NEC UPC832 Datasheet HTML 3Page - NEC UPC832 Datasheet HTML 4Page - NEC UPC832 Datasheet HTML 5Page - NEC UPC832 Datasheet HTML 6Page - NEC UPC832 Datasheet HTML 7Page - NEC UPC832 Datasheet HTML 8Page - NEC UPC832 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPC832,4062
4
データ・シート G13980JJ3V0DS00
特性曲線(TA = 25 ℃,TYP.)
600
500
400
300
200
100
0
5
4
3
2
1
0
−1
−2
−3
−4
−5
120
100
80
60
40
20
0
100
10
1.0
0.1
0.01
20
−40
−20
0
20
動作周囲温度 TA(℃)
VIO−TA 特性
IB−TA 特性
動作周囲温度 TA(℃)
40
60
80
1
−20
0
20
40
60
80
100
10 k
1 M
1 k
10
100 k
10 M
40
60
80
100
μPC832G2, 4062G2
μPC832C, 4062C
動作周囲温度 TA(℃)
周波数 f(Hz)
PT−TA 特性(絶対最大定格)
AV−f 特性
V± = ±15 V
RL = 10 kΩ
V± = ±15 V
任意のサンプル値
V± = ±15 V
200 ℃/W
227 ℃/W
Vom−f 特性
30
1 k
周波数 f(Hz)
V± = ±15 V
20
10
0
10 k
100 k
1 M
10 M
100
RL = 10 kΩ
V± = ±10 V
V± = ±5 V
40
電源電圧 V±(V)
Vom−V± 特性
0
30
20
10
±10
±20
RL = 10 kΩ


Similar Part No. - UPC832

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
   Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
UPC835 RENESAS-UPC835 Datasheet
289Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC835MN-KAA-E1-AT RENESAS-UPC835MN-KAA-E1-AT Datasheet
289Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC835MN-KAA-E2-AT RENESAS-UPC835MN-KAA-E2-AT Datasheet
289Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC832

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com