Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEOF5-5SJZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEOF5-5SJZ
Description  5 Watt | AC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOF5-5SJZ Datasheet(HTML) 3 Page - AIMTEC

  AMEOF5-5SJZ Datasheet HTML 1Page - AIMTEC AMEOF5-5SJZ Datasheet HTML 2Page - AIMTEC AMEOF5-5SJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
O
Series AMEOF5-JZ
5 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R0
3 of 3
North America only
Derating*
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
Input 110-240VAC or
135-320VDC
-25
Free Air Convection
Ambient Temperature º C
55
85
*Power derating: for 85-110VAC and 240-264VAC input supply
Recommended EMC class A external circuit:
AC
DC
AC L
AC N
+Vout
‐ Vout
Single Output
+
MOV
S14K350
FUSE
1A/250V
        C1
10µF/
400V
CY1
1nF/400VAC
C2
NTC
3
1
5
7
+
14
12
C3
0.1µF/50V
TVS
R
12Ω 
        CX1
0.1µF/
300V
Recommended EMC class B external circuit:
AC
DC
AC L
AC N
LDM
0.33mH
+Vout
‐ Vout
Single Output
+
MOV
S14K350
FUSE
1A/250V
   C1
10µF/
400V
CY1
1nF/400VAC
C2
3
1
5
7
+
12
10
C3
0.1µF/50V
TVS
LCM
3.5mH
CX
0.1µF/
300VAC
GND
CY2
1nF/
400VAC
CY3
1nF/
400VAC
NTC
Note: For Safety compliance we recommend minimum PCB trace distance of
3mm, primary to secondary circuit minimum distance between PCB traces of
6.4mm.
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet
. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C2
TVS
3.3 & 5 Vout
220 µF / 35V
7V
9 Vout
12V
12 & 15 Vout
150 µF / 35V
20V
24 Vout
30V
85
(70)
110
(100)
264
(400)
100
80
60
40
20
0
Safe Operating Area
Free Air Convection at 25°C
Input Voltage VAC (VDC)
240
(340)


Similar Part No. - AMEOF5-5SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOF5-5SBJZ AIMTEC-AMEOF5-5SBJZ Datasheet
754Kb / 5P
   AC-DC Converter
AMEOF5-5SLBJZ AIMTEC-AMEOF5-5SLBJZ Datasheet
754Kb / 5P
   AC-DC Converter
More results

Similar Description - AMEOF5-5SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-MAZ AIMTEC-AMEL5-MAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_12 Datasheet
147Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_13 Datasheet
379Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_13 Datasheet
678Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com