Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC258 Datasheet(PDF) 5 Page - NEC

Part # UPC258
Description  Bipolar Analog Integrated Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC258 Datasheet(HTML) 5 Page - NEC

  UPC258 Datasheet HTML 1Page - NEC UPC258 Datasheet HTML 2Page - NEC UPC258 Datasheet HTML 3Page - NEC UPC258 Datasheet HTML 4Page - NEC UPC258 Datasheet HTML 5Page - NEC UPC258 Datasheet HTML 6Page - NEC UPC258 Datasheet HTML 7Page - NEC UPC258 Datasheet HTML 8Page - NEC UPC258 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
µPC258,4558
データ・シート G10518JJ9V0DS00
5
特性曲線(TA = 25 ℃,TYP.)(参考値)
600
500
400
300
200
100
32
36
28
24
20
16
12
8
4
0
100
120
80
60
40
20
0
100
120
80
60
40
20
0
30
25
20
15
10
5
0
20406080
100
1
10
1 k
100 k 1 M 10 M
100
10 k
100
1 k
10 k
100 k
1 M
100
1 k
10 k
−20
0
406080
20
PT−TA(絶対最大定格)
Vom−f 特性
IB−TA 特性
AV−f 特性
VO−RL 特性
動作周囲温度 TA(℃)
周波数 f (Hz)
負荷抵抗 RL(Ω)
周波数 f(Hz)
動作周囲温度 TA(℃)
V± = ±15 V
V± = ±15 V
V± = ±15 V
V± = ±15 V
μPC258G2, 4558G2
200 ℃/W
227 ℃/W
μPC258C, 4558C
−20
0
40
60
80
20
VIO−TA 特性
動作周囲温度 TA(℃)
3
2
1
0
−1
−2
−3
V± = ±15 V
任意のサンプル値


Similar Part No. - UPC258

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC258 RENESAS-UPC258 Datasheet
602Kb / 10P
   Low Noise Dual Operational Amplifier
2019.06.13
UPC2581 RENESAS-UPC2581 Datasheet
100Kb / 1P
   NEC RECIEVER UPC2581 / 15 PIN
UPC2581V RENESAS-UPC2581V Datasheet
100Kb / 1P
   NEC RECIEVER UPC2581 / 15 PIN
logo
List of Unclassifed Man...
UPC258C ETC1-UPC258C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
Renesas Technology Corp
UPC258G2-A RENESAS-UPC258G2-A Datasheet
602Kb / 10P
   Low Noise Dual Operational Amplifier
2019.06.13
More results

Similar Description - UPC258

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com