Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME25-12SJZ Datasheet(PDF) 2 Page - AIMTEC

Part # AME25-12SJZ
Description  25 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME25-12SJZ Datasheet(HTML) 2 Page - AIMTEC

  AME25-12SJZ Datasheet HTML 1Page - AIMTEC AME25-12SJZ Datasheet HTML 2Page - AIMTEC AME25-12SJZ Datasheet HTML 3Page - AIMTEC AME25-12SJZ Datasheet HTML 4Page - AIMTEC AME25-12SJZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AME25-JZ
25 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.B
2 of 5
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Temperature coefficient
±0.02
% / °C
Cooling
Free air convection
Humidity
Non condensing
95
% RH
Case material
Plastic (flammability to UL 94V-0)
Weight
120
g
Dimensions (L x W x H)
70.0 x 48.0 x 23.5 mm (2.76 x 1.89 x 0.93 inches)
MTBF
> 300 000 hrs (MIL-HDBK -217F, t=+25oC)/ Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage
(115/230VAC) and at rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency approvals
CE, UL
Standards
Information Technology Equipment
IEC/EN/UL 60950-1
EMI - Conducted and radiated emission
EN55022, class B
EN55024: 2010
Electrostatic Discharge Immunity
IEC 61000-4-2: Contact ±6KV/Air ±8KV, Criteria B
RF, Electromagnetic Field Immunity
IEC 61000-4-3: 10V/m, Criteria A
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4: ±2KV, Criteria B
Surge Immunity
IEC 61000-4-5: ±1KV/±2KV, Criteria B
RF, Conducted Disturbance Immunity
IEC 61000-4-6: 10Vrms, Criteria A
Power frequency Magnetic Field Immunity
IEC 61000-4-8: 10A/m, Criteria A
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11: 0-70%, Criteria B
Typical Application circuit
Pin Out Specifications
Vout
C2
TVS
3.3 & 5V
330 µF/50V
7A
9V
12A
12 & 15V
20A
24V
120 µF/50V
30A
48V
68 µF/50V
64A
Pin
Single
1
Earth/Ground
2
AC Input (L)
3
AC Input (N)
4
Trim
5
- V output
6
+ V output
AC
DC
AC L
AC N
+ Vout
‐ Vout
Single Output
MOV
S14K350
FUSE
3.15A/300V
C1
1µF/50V
AC L
AC N
+ Vout
‐ Vout
   C2
+
TVS
Earth/GND


Similar Part No. - AME25-12SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME25-12SCJZ AIMTEC-AME25-12SCJZ Datasheet
205Kb / 5P
   25 Watt | AC-DC / DC-DC Converter
AME25-12SCVZ AIMTEC-AME25-12SCVZ Datasheet
655Kb / 6P
   AC-DC / DC-DC Converter
AME25-12SMJZ AIMTEC-AME25-12SMJZ Datasheet
551Kb / 5P
   AC-DC / DC-DC Converter
More results

Similar Description - AME25-12SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME25-CJZ AIMTEC-AME25-CJZ Datasheet
205Kb / 5P
   25 Watt | AC-DC / DC-DC Converter
logo
ETA-USA
WRA-00X ETA-USA-WRA-00X Datasheet
938Kb / 6P
   25 WATT AC-DC CONVERTER
ERA-SA ETA-USA-ERA-SA Datasheet
470Kb / 4P
   25 WATT AC-DC CONVERTER
SVA-SB ETA-USA-SVA-SB Datasheet
553Kb / 3P
   25 WATT AC-DC CONVERTER
MRA-SB ETA-USA-MRA-SB Datasheet
464Kb / 3P
   25 WATT AC-DC CONVERTER
ERA-FWB ETA-USA-ERA-FWB Datasheet
503Kb / 4P
   25 WATT AC-DC CONVERTER
MRA-SA ETA-USA-MRA-SA Datasheet
478Kb / 4P
   25 WATT AC-DC CONVERTER
VTA-SB ETA-USA-VTA-SB Datasheet
356Kb / 3P
   25 WATT AC-DC CONVERTER
VTA-00A ETA-USA-VTA-00A Datasheet
268Kb / 2P
   25 WATT AC-DC CONVERTER
VTA-FWB ETA-USA-VTA-FWB Datasheet
344Kb / 3P
   25 WATT AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com