Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME20-24SCJZ Datasheet(PDF) 6 Page - AIMTEC

Part # AME20-24SCJZ
Description  20 Watt | AC-DC / DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME20-24SCJZ Datasheet(HTML) 6 Page - AIMTEC

  AME20-24SCJZ Datasheet HTML 1Page - AIMTEC AME20-24SCJZ Datasheet HTML 2Page - AIMTEC AME20-24SCJZ Datasheet HTML 3Page - AIMTEC AME20-24SCJZ Datasheet HTML 4Page - AIMTEC AME20-24SCJZ Datasheet HTML 5Page - AIMTEC AME20-24SCJZ Datasheet HTML 6Page - AIMTEC AME20-24SCJZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Series AME20-CJZ
20 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924
6832)
F 052e R8.A
6 of 7
North America only
Trimming
Output voltage can be externally trimmed by utilizing the methods as shown below
Fixed Resistor
Variable Potentiometer
Leave open if not used.
AME20‐5SCJZ  
Trim down % 
4
5
6
7
9
10
Vout (VDC) 
4.95 
4.9 
4.85 
4.8
4.75
4.7
4.65
4.6 
4.55
4.5
Rt down (KΩ) 
160.7 
78.2 
50.7 
36.95
28.7
23.2
19.271
16.325 
14.033
12.2
Trim up % 
4
5
6
7
9
10
Vout (VDC) 
5.05 
5.1 
5.15 
5.2
5.25
5.3
5.35
5.4 
5.45
5.5
Rt up (KΩ) 
164 
81.5 
54 
40.25
32
26.5
22.571
19.625 
17.333
15.5
AME20‐9SCJZ  
Trim down % 
4
5
6
7
9
10
Vout (VDC) 
8.91 
8.82 
8.73 
8.64
8.55
8.46
8.37
8.28 
8.19
8.1
Rt down (KΩ)  389.533 
221.43  153.157  116.145
92.925
76.997
65.393
56.562 
49.617
44.011
Trim up % 
4
5
6
7
9
10
Vout (VDC) 
9.09 
9.18 
9.27 
9.36
9.45
9.54
9.63
9.72 
9.81
9.9
Rt up (KΩ) 
328.532  126.639 
78.148 
56.357
43.975
35.99
30.412
26.297 
23.134
20.629
AME20‐12SCJZ  
Trim down % 
4
5
6
9
10
Vout (VDC) 
11.88 
11.76 
11.64 
11.52
11.4
11.28
11.16 
11.04 
10.92
10.8
Rt down (KΩ)  183.233 
111.59 
79.474 
61.246
49.499
41.299
35.249 
30.602 
26.921
23.933
Trim up % 
4
5
6
9
10
Vout (VDC) 
12.12 
12.24 
12.36 
12.48
12.6
12.72
12.84 
12.96 
13.08
13.2
Rt up (KΩ) 
211.778 
57.03 
32.596 
22.642
17.238
13.845
11.516 
9.819 
8.527
7.511


Similar Part No. - AME20-24SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME20-24SBJZ AIMTEC-AME20-24SBJZ Datasheet
553Kb / 4P
   AC-DC / DC-DC Converter
AME20-24SJZ AIMTEC-AME20-24SJZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-24SVZ AIMTEC-AME20-24SVZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
More results

Similar Description - AME20-24SCJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_13 Datasheet
753Kb / 3P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_13 Datasheet
428Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ_16 Datasheet
569Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AME20-JZ AIMTEC-AME20-JZ Datasheet
218Kb / 5P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_16 Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ Datasheet
292Kb / 4P
   20 Watt | AC-DC Converter
logo
STMicroelectronics
GS20AC-12 STMICROELECTRONICS-GS20AC-12 Datasheet
55Kb / 3P
   20 WATT AC-DC CONVERTER
February 1994
logo
AIMTEC
AMEL20-AZ AIMTEC-AMEL20-AZ Datasheet
337Kb / 3P
   20 Watt | AC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com