Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5-5SJZ Datasheet(PDF) 1 Page - AIMTEC

Part # AME5-5SJZ
Description  5 Watt | AC-DC / DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME5-5SJZ Datasheet(HTML) 1 Page - AIMTEC

  AME5-5SJZ Datasheet HTML 1Page - AIMTEC AME5-5SJZ Datasheet HTML 2Page - AIMTEC AME5-5SJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AME5-JZ
5 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.A
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max
Output
wattage
(W)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive load
(µF)
Efficiency
(%)
230
VAC
AME5-3.3SJZ
85-305/47-63
100-430
4
3.3
1.25
4000
72
AME5-5SJZ
85-305/47-63
100-430
5
5
1
4000
77
AME5-9SJZ
85-305/47-63
100-430
5
9
0.55
1800
79
AME5-12SJZ
85-305/47-63
100-430
5
12
0.42
1800
81
AME5-15SJZ
85-305/47-63
100-430
5
15
0.33
1500
82
AME5-24SJZ
85-305/47-63
100-430
5
24
0.23
330
84
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
125
mA
230 VAC
80
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
15
A
Leakage current
0.25
mA
External fuse
Recommended slow blow type
1
A
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
(LL-HL)
±0.5
%
Load regulation
10-100% load
±1
%
Ripple & Noise
100
mV p-p
Hold-up time
115 VAC
15
ms
230 VAC
80
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
Input to Output, 60 sec
3000
VAC
Input to Ground
2000
Isolation resistance
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
65
132
KHz
Over current protection
≥110
% of Iout
Over voltage protection
Over voltage shutdown
Short circuit protection
Auto recovery
Operating temperature
See derating curve
-40 to +70
°C
Maximum case temperature
100
°C
Storage temperature
-40 to +105
°C
Temperature coefficient
±0.02
% / °C
 I/O Isolation 3000VAC
 Low Ripple and Noise
 Operating Temp: -40°C to +70°C
 Over Voltage Protection
 Over current Protection
 Input: 85-305VAC, 47-63Hz, or 100-430VDC
 Up to 84% efficiency
 Short Circuit Protection
Click on Series name for product info on aimtec.com


Similar Part No. - AME5-5SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME5-5SCJZ AIMTEC-AME5-5SCJZ Datasheet
191Kb / 5P
   Continuous Short circuit protection
AME5-5SVZ AIMTEC-AME5-5SVZ Datasheet
587Kb / 3P
   AC-DC / DC-DC Converter
More results

Similar Description - AME5-5SJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_12 Datasheet
147Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ_13 Datasheet
379Kb / 4P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ_13 Datasheet
678Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
AMEL5-MAZ AIMTEC-AMEL5-MAZ Datasheet
252Kb / 4P
   5 Watt | AC-DC Converter
AMEL5-AZ AIMTEC-AMEL5-AZ Datasheet
320Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com