Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GALI-24 Datasheet(PDF) 4 Page - Mini-Circuits

Part # GALI-24
Description  Monolithic Amplifier DC-6 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

GALI-24 Datasheet(HTML) 4 Page - Mini-Circuits

  GALI-24 Datasheet HTML 1Page - Mini-Circuits GALI-24 Datasheet HTML 2Page - Mini-Circuits GALI-24 Datasheet HTML 3Page - Mini-Circuits GALI-24 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Monolithic InGaP HBT MMIC Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 4 of 4
ESD Rating
Human Body Model (HBM): Class 1C (1000v to < 2000v) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M2 (100v to < 200v) in accordance with ANSI/ESD STM 5.2 - 1999
No. Test Required
Condition
Standard
Quantity
1
Visual Inspection
Low Power Microscope
Magnification 40x
MIP-IN-0003
(MCT spec)
45 units
2
Electrical Test
Room Temperature
SCD
(MCL spec)
45 units
3
SAM Analysis
Less than 10% growth in term of
delamination
J-Std-020C
(Jedec Standard)
45 units
4
Moisture Sensitivity
Level 1
Bake at 125°C for 24 hours
Soak at 85°C/85%RH for 168 hours
Reflow 3 cycles at 260°C peak
J-Std-020C
(Jedec Standard)
45 units
Visual
Inspection
Electrical Test
SAM Analysis
Reflow 3 cycles,
260°C
Soak
85°C/85RH
168 hours
Bake at 125°C,
24 hours
Visual
Inspection
Electrical Test
SAM Analysis
Start
MSL Test Flow Chart
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDECJ-STD-020C
Gali 24+


Similar Part No. - GALI-24

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
GALI-21 MINI-GALI-21 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
GALI-29 MINI-GALI-29 Datasheet
98Kb / 2P
   Surface Mount Monolithic Amplifiers
More results

Similar Description - GALI-24

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-84 MINI-GALI-84 Datasheet
214Kb / 4P
   Monolithic Amplifier DC-6 GHz
GALI-3 MINI-GALI-3 Datasheet
190Kb / 4P
   Monolithic Amplifier DC-3 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-33 MINI-GALI-33 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-4 GHz
GALI-52 MINI-GALI-52 Datasheet
191Kb / 4P
   Monolithic Amplifier DC-2 GHz
RAM-6A MINI-RAM-6A Datasheet
203Kb / 3P
   Monolithic Amplifier DC-2 GHz
VAM-7 MINI-VAM-7 Datasheet
212Kb / 4P
   Monolithic Amplifier DC-2 GHz
MAR-4 MINI-MAR-4 Datasheet
239Kb / 4P
   Monolithic Amplifier DC-1 GHz
VAM-6 MINI-VAM-6 Datasheet
201Kb / 4P
   Monolithic Amplifier DC-2 GHz
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com