Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5165QDRCTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5165QDRCTQ1
Description  3-V to 65-V Input, 150-mA Synchronous Buck Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5165QDRCTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LM5165QDRCTQ1 Datasheet HTML 1Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 2Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 3Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 4Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 5Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 6Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 7Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 8Page - Texas Instruments LM5165QDRCTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Output Current (mA)
0.1
1
10
30
30
30
40
50
60
70
80
90
100
D101
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 65V
VOUT = 5V *
SW
VOUT
ILIM
VIN
EN
HYS
GND
RT
SS
PGOOD
LM5165X
COUT
CIN
22 F
1 F
LF
68 H
VIN = 3V...65V
* VOUT tracks VIN
if VIN < 5V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5165-Q1
SNVSAJ3A – MARCH 2016 – REVISED MARCH 2016
LM5165-Q1 3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified with the Following Results:
Device Temperature Grade 1: –40ºC to 125ºC
Ambient Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C5
Wide Input Voltage Range of 3 V to 65 V
Fixed (3.3 V, 5 V) or Adjustable Output Voltages
Maximum Output Current as High as 150 mA
10.5-µA No Load Quiescent Current
–40°C to 150°C Junction Temperature Range
Selectable PFM or COT Mode Operation
Switching Frequency as High as 600 kHz
Integrated 2-
Ω PMOS Buck Switch
Supports 100% Duty Cycle for Low Dropout
Integrated 1-
Ω NMOS Synchronous Rectifier
Eliminates External Rectifier Diode
Programmable Current Limit Setpoint (4 Levels)
900-µs Internal or Programmable Soft Start
Monotonic Startup into Pre-Biased Output
No Loop Compensation or Bootstrap Components
Precision Enable/Input UVLO with Hysteresis
Open-Drain Power Good Indicator
Active Slew Rate Control for Low EMI
Thermal Shutdown Protection with Hysteresis
10-Lead, 3-mm x 3-mm VSON Package
2 Applications
Automotive and Battery-powered Equipment
High-voltage LDO Replacement
General Purpose Bias Supplies
3 Description
The LM5165-Q1 is a compact, easy-to-use, 3-V to
65-V, ultra-low IQ synchronous buck converter with
high efficiency over wide input voltage and load
current ranges. With integrated high-side and low-
side power MOSFETs, up to 150-mA of output
current can be delivered at fixed output voltages of
3.3 V or 5 V, or an adjustable output. The converter is
designed to simplify implementation while providing
options to optimize the performance the target
application. Pulse Frequency Modulation (PFM) mode
is
selected
for
optimal
light-load
efficiency
or
Constant On-Time (COT) control for nearly constant
operating frequency. Both control schemes do not
require loop compensation while providing excellent
line and load transient response and short PWM on-
time for large step-down conversion ratios.
The high-side p-channel MOSFET can operate at
100% duty cycle for lowest dropout voltage and does
not require a bootstrap capacitor for gate drive. Also,
the current limit setpoint is adjustable to optimize
inductor selection for a particular output current
requirement.
Selectable/adjustable
startup
timing
options include minimum delay (no soft start),
internally fixed (900 µs), and externally programmable
soft start via an external capacitor. An open-drain
PGOOD indicator can be used for sequencing and
output
voltage
monitoring.
The
LM5165-Q1
is
qualified to automotive AEC-Q100 grade 1 and is
available in a VSON-10 package with 0.5-mm pin
pitch.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5165-Q1
VSON (10)
3 mm x 3 mm
LM5165X-Q1
LM5165Y-Q1
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Schematic, Fixed Output
Typical Efficiency, VOUT = 5 V


Similar Part No. - LM5165QDRCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165QDRCTQ1 TI1-LM5165QDRCTQ1 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165QDRCTQ1 TI-LM5165QDRCTQ1 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
More results

Similar Description - LM5165QDRCTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166_17 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LMR36502 TI-LMR36502 Datasheet
3Mb / 47P
[Old version datasheet]   LMR3650x 3-V to 65-V, 100-mA and 150-mA Wide VIN Synchronous Buck Converter Optimized for Size and Light Load Efficiency
MARCH 2023
LMR36501 TI-LMR36501 Datasheet
3Mb / 48P
[Old version datasheet]   LMR3650x 3-V to 65-V, 100-mA and 150-mA Wide VIN Synchronous Buck Converter Optimized for Size and Light Load Efficiency
REVISED MAY 2023
TPSM365R15 TI-TPSM365R15 Datasheet
2Mb / 47P
[Old version datasheet]   TPSM365R1x 3-V to 65-V, 100-mA and 150-mA Wide VIN Synchronous Buck Converter Power Module Optimized for Size and Light Load Efficiency
OCTOBER 2023
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com