Electronic Components Datasheet Search |
|
381LX221M450A042 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
381LX221M450A042 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 11 page Available in 5 pins Outline Drawings Terminal Connection 40 mm Dia. 50 mm Dia. A dummy negative (–) B dummy dummy C positive (+) positive (+) D dummy positive (+) – negative (–) negative (–) Notes: * Use dummy terminals for mechanical support only. Make no electrical connection because they resistively connect through the electrolyte to the negative terminal. ** Safety Vent may be on the bottom or on the side of the can. Two Pins 381L/LX (22 through 40 mm diameter) Four Pins 383L/LX (35 and 40 mm diameter) Five Pins 383L/LX (40 and 50 mm diameter) CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum High Ripple, Long Life, 2,4 and 5 pin styles available 383LX 272 M 200 N08 2 V Case Type Cap Tolerance Voltage Code Insulation # of pins 381L / LX (2 pins) 100 = 10 µF M = ±20% 200 = 200 Vdc 2 = PVC Blank = 2 pins / 4 pins snap-in 6.3mm L 383L / LX (4 or 5 pins) 101 = 100 µF A = 2 pins / 4 pins snap-in 4.0mm L 272 = 2700 µF VS = 5 pins snap-in 6.3mm L V = 5 pins standoff 1.5 0.2 2.0max. 4.0 mm pin length option (add “A” to end of part#) Top of Capacitor Body 0.8 +0.2 -0.1 3.5 Available in 2 and 4 pins 1.5 0.2 2.0max. 6.3 mm pin length Top of Capacitor Body 0.8 +0.2 -0.1 Available in 2, 4 and 5 pins Top of Capacitor Body 1.5 0.1 0.6 min. 0.7 3.75 0.1 5 pin Standoff pin style (add “V” to end of part#) L ± 2 max. L ± 2 max. L ± 2 max. Dimensions shown are in mm |
Similar Part No. - 381LX221M450A042 |
|
Similar Description - 381LX221M450A042 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |