Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5022QDGSTQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5022QDGSTQ1
Description  60 V Low-Side Controller For Boost and SEPIC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5022QDGSTQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5022QDGSTQ1 Datasheet HTML 7Page - Texas Instruments LM5022QDGSTQ1 Datasheet HTML 8Page - Texas Instruments LM5022QDGSTQ1 Datasheet HTML 9Page - Texas Instruments LM5022QDGSTQ1 Datasheet HTML 10Page - Texas Instruments LM5022QDGSTQ1 Datasheet HTML 11Page - Texas Instruments LM5022QDGSTQ1 Datasheet HTML 12Page - Texas Instruments LM5022QDGSTQ1 Datasheet HTML 13Page - Texas Instruments LM5022QDGSTQ1 Datasheet HTML 14Page - Texas Instruments LM5022QDGSTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
LM5022-Q1
www.ti.com
SNVSAG9 – MARCH 2016
Product Folder Links: LM5022-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Error Amplifier
An internal high gain error amplifier is provided within the LM5022-Q1. The amplifier’s non-inverting input is
internally set to a fixed reference voltage of 1.25 V. The inverting input is connected to the FB pin. In non-
isolated applications such as the boost converter the output voltage, VO, is connected to the FB pin through a
resistor divider. The control loop compensation components are connected between the COMP and FB pins. For
most isolated applications the error amplifier function is implemented on the secondary side of the converter and
the internal error amplifier is not used. The internal error amplifier is configured as an open drain output and can
be disabled by connecting the FB pin to ground. An internal 5-k
Ω pullup resistor between a 5-V reference and
COMP can be used as the pull-up for an opto-coupler in isolated applications.
7.3.4 Current Sensing and Current Limiting
The LM5022-Q1 provides a cycle-by-cycle over current protection function. Current limit is accomplished by an
internal current sense comparator. If the voltage at the current sense comparator input exceeds 0.5 V, the
MOSFET gate drive will be immediately terminated. A small RC filter, located near the controller, is
recommended to filter noise from the current sense signal. The CS input has an internal MOSFET which
discharges the CS pin capacitance at the conclusion of every cycle. The discharge device remains on an
additional 65 ns after the beginning of the new cycle to attenuate leading edge ringing on the current sense
signal.
The LM5022-Q1 current sense and PWM comparators are very fast, and may respond to short duration noise
pulses. Layout considerations are critical for the current sense filter and sense resistor. The capacitor associated
with the CS filter must be located very close to the device and connected directly to the pins of the controller (CS
and GND). If a current sense transformer is used, both leads of the transformer secondary should be routed to
the sense resistor and the current sense filter network. The current sense resistor can be located between the
source of the primary power MOSFET and power ground, but it must be a low inductance type. When designing
with a current sense resistor all of the noise sensitive low-power ground connections should be connected
together locally to the controller and a single connection should be made to the high current power ground
(sense resistor ground point).
7.3.5 PWM Comparator and Slope Compensation
The PWM comparator compares the current ramp signal with the error voltage derived from the error amplifier
output. The error amplifier output voltage at the COMP pin is offset by 1.4 V and then further attenuated by a 3:1
resistor divider. The PWM comparator polarity is such that 0 V on the COMP pin will result in a zero duty cycle at
the controller output. For duty cycles greater than 50%, current mode control circuits can experience sub-
harmonic oscillation. By adding an additional fixed-slope voltage ramp signal (slope compensation) this
oscillation can be avoided. Proper slope compensation damps the double pole associated with current mode
control (see Control Loop Compensation) and eases the design of the control loop compensator. The LM5022-
Q1 generates the slope compensation with a sawtooth-waveform current source with a slope of 45 µA × ƒSW,
generated by the clock (see Figure 13). This current flows through an internal 2-k
Ω resistor to create a minimum
compensation ramp with a slope of 100 mV × ƒSW (typical). The slope of the compensation ramp increases when
external resistance is added for filtering the current sense (RS1) or in the position RS2. As shown in Figure 13 and
the Functional Block Diagram, the sensed current slope and the compensation slope add together to create the
signal used for current limiting and for the control loop itself.


Similar Part No. - LM5022QDGSTQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5022 NSC-LM5022 Datasheet
591Kb / 22P
   60V Low Side Controller for Boost and SEPIC
logo
Texas Instruments
LM5022 TI1-LM5022 Datasheet
1Mb / 34P
[Old version datasheet]   60V Low Side Controller for Boost and SEPIC
logo
National Semiconductor ...
LM5022MM NSC-LM5022MM Datasheet
591Kb / 22P
   60V Low Side Controller for Boost and SEPIC
logo
Texas Instruments
LM5022MM TI1-LM5022MM Datasheet
1Mb / 34P
[Old version datasheet]   60V Low Side Controller for Boost and SEPIC
LM5022MM/NOPB TI1-LM5022MM/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   60V Low Side Controller for Boost and SEPIC
More results

Similar Description - LM5022QDGSTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5022 TI1-LM5022_14 Datasheet
1Mb / 34P
[Old version datasheet]   60V Low Side Controller for Boost and SEPIC
logo
National Semiconductor ...
LM5022 NSC-LM5022_09 Datasheet
591Kb / 22P
   60V Low Side Controller for Boost and SEPIC
logo
Texas Instruments
SM74203 TI1-SM74203 Datasheet
544Kb / 24P
[Old version datasheet]   SM74203 60V Low Side Controller for Boost and SEPIC
logo
Linear Technology
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
logo
Analog Devices
LT8357 AD-LT8357 Datasheet
2Mb / 34P
   60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
Rev. 0
logo
Linear Technology
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com