Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2776DBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2776DBVR
Description  Switched Capacitor Inverter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2776DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2776DBVR Datasheet HTML 5Page - Texas Instruments LM2776DBVR Datasheet HTML 6Page - Texas Instruments LM2776DBVR Datasheet HTML 7Page - Texas Instruments LM2776DBVR Datasheet HTML 8Page - Texas Instruments LM2776DBVR Datasheet HTML 9Page - Texas Instruments LM2776DBVR Datasheet HTML 10Page - Texas Instruments LM2776DBVR Datasheet HTML 11Page - Texas Instruments LM2776DBVR Datasheet HTML 12Page - Texas Instruments LM2776DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM2776
EN
VIN
C1+
VOUT
GND
2 MHz
Osc.
Switch Array
Switch
Drivers
C1-
Current
Limit
Reference
9
LM2776
www.ti.com
SNVSA56A – MAY 2015 – REVISED FEBRUARY 2016
Product Folder Links: LM2776
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM2776 CMOS charge-pump voltage converter inverts a positive voltage in the range of 2.7 V to 5.5 V to
the corresponding negative voltage of
−2.7 V to −5.5 V. The LM2776 uses three low-cost capacitors to provide
up to 200 mA of output current.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Input Current Limit
The LM2776 contains current limit circuitry that protects the device in the event of excessive input current and/or
output shorts to ground. The input current is limited to 400 mA (typical at VIN = 5.5 V) when the output is shorted
directly to ground. When the LM2776 is current limiting, power dissipation in the device is likely to be quite high.
In this event, thermal cycling is expected.
7.3.2 PFM Operation
To minimize quiescent current during light load operation, the LM2776 allows PFM or pulse-skipping operation.
By allowing the charge pump to switch less when the output current is less than 40 mA, the quiescent current
drawn from the power source is minimized. The frequency of pulsed operation is not limited and can drop into the
sub-1-kHz range when unloaded. As the load increases, the frequency of pulsing increases until it transitions to
constant frequency. The fundamental switching frequency of the LM2776 is 2 MHz.
7.3.3 Output Discharge
In shutdown, the LM2776 actively pulls down on the output of the device until the output voltage reaches GND. In
this mode, the current drawn from the output is approximately 1.85 mA.
7.3.4 Thermal Shutdown
The LM2776 implements a thermal shutdown mechanism to protect the device from damage due to overheating.
When the junction temperature rises to 150°C (typical), the part switches into shutdown mode. The LM2776
releases thermal shutdown when the junction temperature of the part is reduced to 130°C (typical).


Similar Part No. - LM2776DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27761 TI1-LM27761 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761DSGR TI1-LM27761DSGR Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761DSGT TI1-LM27761DSGT Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results

Similar Description - LM2776DBVR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729 Datasheet
165Kb / 22P
   Switched Capacitor Voltage Inverter
June, 2004 ??Rev. 3
logo
Intersil Corporation
ICL828 INTERSIL-ICL828 Datasheet
78Kb / 7P
   Switched-Capacitor Voltage Inverter
logo
Texas Instruments
LM2776 TI-LM2776_15 Datasheet
1Mb / 23P
[Old version datasheet]   LM2776 Switched Capacitor Inverter
logo
ON Semiconductor
NCP1729 ONSEMI-NCP1729_16 Datasheet
176Kb / 23P
   Switched Capacitor Voltage Inverter
February, 2016 ??Rev. 6
NCP1729 ONSEMI-NCP1729_06 Datasheet
178Kb / 22P
   Switched Capacitor Voltage Inverter
March, 2006 ??Rev. 4
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2682 NSC-LM2682 Datasheet
136Kb / 7P
   Switched Capacitor Voltage Doubling Inverter
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com