Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4514BM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4514BM
Description  4-Bit Latched/4-to-16 Line Decoders
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4514BM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4514BM Datasheet HTML 1Page - National Semiconductor (TI) CD4514BM Datasheet HTML 2Page - National Semiconductor (TI) CD4514BM Datasheet HTML 3Page - National Semiconductor (TI) CD4514BM Datasheet HTML 4Page - National Semiconductor (TI) CD4514BM Datasheet HTML 5Page - National Semiconductor (TI) CD4514BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05V to a18V
Input Voltage (VIN)
b
05V to VDD a 05V
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
DC Supply Voltage (VDD)
3Vto15V
Input Voltage (VIN)
0VtoVDD
Operating Temperature Range (TA)
CD4514BM CD4515BM
b
55 Cto a125 C
CD4514BC CD4515BC
b
40 Cto a85 C
DC Electrical Characteristics CD4514BM CD4515BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V VIN e VDD or VSS
5
0005
5
150
m
A
Current
VDD e 10V VIN e VDD or VSS
10
0010
10
300
m
A
VDD e 15V VIN e VDD or VSS
20
0015
20
600
m
A
VOL
Low Level
VIH e VDD
lIOl k 1 mA
Output Voltage
VDD e 5V VIL e 0V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
VIH e VDD
lIOl k 1 mA
Output Voltage
VDD e 5V VIL e 0V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level
VO e 05V or 45V
Input Voltage
VDD e 5V
lIOl k 1 mA
15
225
15
15
V
VDD e 10V VO e 10V or 90V
30
450
30
30
V
VDD e 15V VO e 15V or 135V
40
675
40
40
V
VIH
High Level
VO e 05V or 45V
Input Voltage
VDD e 5V
lIOl k 1 mA
35
35
275
35
V
VDD e 10V VO e 10V or 90V
70
70
550
70
V
VDD e 15V VO e 15V or 135V
110
110
825
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
064
051
088
036
mA
Current (Note 3)
VDD e 10V VO e 05V
16
13
225
090
mA
VDD e 15V VO e 15V
42
34
880
240
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
064
b
051
b
088
b
036
mA
Current (Note 3)
VDD e 10V VO e 95V
b
16
b
13
b
225
b
090
mA
VDD e 15V VO e 135V
b
42
b
34
b
880
b
240
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
01
b
10b5
b
01
b
10
m
A
VDD e 15V VIN e 15V
01
10b5
01
10
m
A
DC Electrical Characteristics CD4514BC CD4515BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V VIN e VDD or VSS
20
0005
20
150
m
A
Current
VDD e 10V VIN e VDD or VSS
40
0010
40
300
m
A
VDD e 15V VIN e VDD or VSS
80
0015
80
600
m
A
VOL
Low Level
VIL e 0V VIH e VDD
Output Voltage
lIOl k 1 mA
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
VIL e 0V VIH e VDD
Output Voltage
lIOl k 1 mA
VDD e 5V
495
495
50
495
V
VDD e 10V
995
995
100
995
V
VDD e 15V
1495
1495
150
1495
V
2


Similar Part No. - CD4514BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4514BM TI-CD4514BM Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514BM TI1-CD4514BM Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
CD4514BM TI-CD4514BM Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM TI1-CD4514BM Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
CD4514BM96 TI-CD4514BM96 Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
More results

Similar Description - CD4514BM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC Datasheet
84Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
logo
Texas Instruments
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS Datasheet
92Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
December 1992
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
National Semiconductor ...
54154 NSC-54154 Datasheet
116Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
DM54LS154 NSC-DM54LS154 Datasheet
120Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com