Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME2-NJZ Datasheet(PDF) 2 Page - AIMTEC

Part # AME2-NJZ
Description  2 Watt I AC-DC / DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME2-NJZ Datasheet(HTML) 2 Page - AIMTEC

  AME2-NJZ Datasheet HTML 1Page - AIMTEC AME2-NJZ Datasheet HTML 2Page - AIMTEC AME2-NJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AME2-NJZ
2 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
2 of 3
North America only
Safety Specifications
Parameters
Standards
Information technology Equipment
IEC/EN/UL 60950-1
EMI - Conducted and radiated emission
EN55022, class B
Electrostatic Discharge Immunity
IEC 61000-4-2, Contact:±6KV/Air:±8KV, Criteria B
RF, Electromagnetic Field Immunity
IEC 61000-4-3, 10V/m, Criteria A
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4, ±2KV, Criteria B, with application circuit
Surge Immunity(1KV)
IEC 61000-4-5, ±1KV/±2KV, Criteria B, with application circuit
RF, Conducted Disturbance Immunity
IEC 61000-4-6, 10Vrms, Criteria A
Power frequency Magnetic Field Immunity
IEC 61000-4-8, 10A/m, Criteria A
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11, 0-70%, Criteria B
Pin Out Specifications
Dimensions
Application circuit for Vin: 165-264VAC
*GND connection not allowed
Pin
Single
1
AC Input (L)
3
AC Input (N)
14
-V Output
16
+V Output
20
+V Cap
22
-V Cap
AC
DC
AC L
AC N
+ Vout
‐ Vout
Single Output
FUSE
1A/250V
C1
1µF/50V
AC L
AC N
‐ Vout
   C2
+
TVS
+ Vout
20
22
5.08
(0.20)
5.08
(0.20)
Printed Face
0.60
(0.02)
37.00
(1.46)
All dimensions are typical: millimeters (inches)
Pin Diameter: 0.60 ± 0.10 (0.02 ± 0.004)
Case Tolerance: ± 0.5 (±0.02)
Bottom View
1
3
20
14
16
22
5.08
(0.20)
10.16
(0.40)


Similar Part No. - AME2-NJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME2-12SAZ AIMTEC-AME2-12SAZ Datasheet
448Kb / 3P
   AC-DC Converter
AME2-12SAZ AIMTEC-AME2-12SAZ Datasheet
178Kb / 3P
   Optional 90-528VAC, 47-440Hz, or 130-745 VDC
AME2-12SAZ AIMTEC-AME2-12SAZ Datasheet
178Kb / 3P
   2Watt | AC-DC Converter
AME2-12SBAZ AIMTEC-AME2-12SBAZ Datasheet
448Kb / 3P
   AC-DC Converter
AME2-12SBAZ AIMTEC-AME2-12SBAZ Datasheet
178Kb / 3P
   2Watt | AC-DC Converter
More results

Similar Description - AME2-NJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME1-NJZ AIMTEC-AME1-NJZ Datasheet
148Kb / 3P
   1 Watt I AC-DC / DC-DC Converter
AME3-NJZ AIMTEC-AME3-NJZ Datasheet
148Kb / 3P
   3 Watt I AC-DC / DC-DC Converter
AMES30-MAZ-1 AIMTEC-AMES30-MAZ-1_16 Datasheet
516Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_16 Datasheet
532Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME25-CJZ AIMTEC-AME25-CJZ Datasheet
205Kb / 5P
   25 Watt | AC-DC / DC-DC Converter
AME25-JZ AIMTEC-AME25-JZ Datasheet
221Kb / 5P
   25 Watt | AC-DC / DC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ_12 Datasheet
391Kb / 3P
   30 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com