Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1-5SNJZ Datasheet(PDF) 1 Page - AIMTEC

Part # AME1-5SNJZ
Description  1 Watt I AC-DC / DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME1-5SNJZ Datasheet(HTML) 1 Page - AIMTEC

  AME1-5SNJZ Datasheet HTML 1Page - AIMTEC AME1-5SNJZ Datasheet HTML 2Page - AIMTEC AME1-5SNJZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AME1-NJZ
1 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8
1 of 3
North America only
FEATURES:
Picture coming soon
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
230
VAC
AME1-5SNJZ
165-264/47-63
233-370
-40 to +70
5
200
3000
68
AME1-12SNJZ
165-264/47-63
233-370
-40 to +70
12
83
1000
69
AME1-24SNJZ
165-264/47-63
233-370
-40 to +70
24
42
220
69
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
165 VAC
20
mA
230 VAC
18
mA
Inrush current <2ms (cold start)
165 VAC
6
A
230 VAC
10
A
Leakage current
230VAC/50Hz, rms
0.1
mA
External fuse
Recommended slow blow type
2
A
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Full Load
±2
%
Line regulation
LL-HL, Full Load
±1
%
Load regulation
10% - 100% load, nominal input
±1
%
Minimum load
10
%
Ripple & Noise
20MHz bandwidth
50
150
mV p-p
Hold up time
165VAC
230VAC
16
30
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation Resistance
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
115
KHz
Over Current protection
Auto recovery
≥110
% of Iout
Short circuit protection
Hiccup, Auto recovery, Continuous
Operating temperature*
No derating
-40 to +70
°C
Storage temperature
-40 to +105
°C
Temperature coefficient
±0.01
%/°C
Maximum Case temperature
100
°C
Humidity
Non condensing
95
% RH
Case material
Plastic resin (flammability to UL 94V-0)
Weight
25
g
Cooling
Free air convection
Dimensions (L x W x H)
1.46 x 0.96 x 0.71 (37.00 x 24.50 x 18.00mm)
MTBF
> 300,000 hrs (MIL-HDBK -217F, t=+25oC)/Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
*
Sufficient air space around is needed.
 I/O Isolation 3000VAC
 Class II Power supply
 Operating Temp: -40°C to +70°C
 Input: 165-264VAC, 47-63Hz, or 233-370 VDC
 No internal electrolytic capacitors
 Longer product life
 Low no load consumption ≤ 0.3W
 Continuous Short Circuit Protection
 Over current Protection
Click on Series name for product info on aimtec.com


Similar Part No. - AME1-5SNJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME1-5SAZ AIMTEC-AME1-5SAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-5SAZ AIMTEC-AME1-5SAZ Datasheet
178Kb / 3P
   Over load, Short Circuit Protection
AME1-5SAZ AIMTEC-AME1-5SAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
AME1-5SBAZ AIMTEC-AME1-5SBAZ Datasheet
444Kb / 3P
   AC-DC Converter
AME1-5SBAZ AIMTEC-AME1-5SBAZ Datasheet
163Kb / 3P
   1Watt | AC-DC Converter
More results

Similar Description - AME1-5SNJZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME3-NJZ AIMTEC-AME3-NJZ Datasheet
148Kb / 3P
   3 Watt I AC-DC / DC-DC Converter
AME2-NJZ AIMTEC-AME2-NJZ Datasheet
148Kb / 3P
   2 Watt I AC-DC / DC-DC Converter
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com