Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA6845MZ Datasheet(PDF) 11 Page - Sanken electric

Part # SLA6845MZ
Description  CMOS-compatible input (3.3 or 5 V)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6845MZ Datasheet(HTML) 11 Page - Sanken electric

Back Button SLA6845MZ_15 Datasheet HTML 4Page - Sanken electric SLA6845MZ_15 Datasheet HTML 5Page - Sanken electric SLA6845MZ_15 Datasheet HTML 6Page - Sanken electric SLA6845MZ_15 Datasheet HTML 7Page - Sanken electric SLA6845MZ_15 Datasheet HTML 8Page - Sanken electric SLA6845MZ_15 Datasheet HTML 9Page - Sanken electric SLA6845MZ_15 Datasheet HTML 10Page - Sanken electric SLA6845MZ_15 Datasheet HTML 11Page - Sanken electric SLA6845MZ_15 Datasheet HTML 12Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
High Voltage 3-Phase Motor Driver IC
SLA6845MZ
Sanken Electric Co., Ltd.
I02-005JB-070823
March, 2015
8-2. Leadform 2175 (Dimensions in Millimeters)
■ Tube Type: SLA-E
31
15.8
580
x
■ Corrugated Shipping Carton
130
185
610
Z
Y
Rubber plug each end
Maximum 18 pieces per tube
(pins aligned along X direction)
Maximum 10 tubes in Y direction
Maximum 3 layers in Z direction
Maximum pieces per carton:
18 pieces per tube
10 tubes per layer
×
3 layers of tubes
540 pieces per carton


Similar Part No. - SLA6845MZ_15

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA6845MZ ALLEGRO-SLA6845MZ Datasheet
324Kb / 14P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SLA6845MZ_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
SN74AUP1T86 TI-SN74AUP1T86 Datasheet
173Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, 2-INPUT EXCLUSIVE-OR GATE
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
logo
ON Semiconductor
MC100LVEL01 ONSEMI-MC100LVEL01_16 Datasheet
155Kb / 6P
   3.3 V ECL 4-Input OR/NOR
July, 2016 ??Rev. 5
logo
Texas Instruments
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
IXYS Corporation
CPC5620 IXYS-CPC5620 Datasheet
519Kb / 18P
   3.3 or 5 V power supply operation
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
NCV7420 ONSEMI-NCV7420_12 Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
logo
Texas Instruments
SN74AUP1T87 TI-SN74AUP1T87 Datasheet
170Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, 2-INPUT EXCLUSIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com