Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS170R Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS170R
Description  VI TELEFILTER Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS170R Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS170R Datasheet HTML 1Page - Vectron International, Inc TFS170R Datasheet HTML 2Page - Vectron International, Inc TFS170R Datasheet HTML 3Page - Vectron International, Inc TFS170R Datasheet HTML 4Page - Vectron International, Inc TFS170R Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 170r.doc
Version 1.2
10.04.2008
VI TELEFILTER
Filter specification
TFS 170R
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
880 Ω || -6,7 pF
Output:
860 Ω || -6,8 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 170R is the attenuation at nominal frequency fN. The maximum attenuation in the pass band is
defined as the insertion loss ae. The nominal frequency fN is fixed at 170,6 MHz without any tolerance or limit. The values of relative attenuation arel are guaranteed
for the whole operating temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
6,5
dB
max.
8
dB
(reference level)
Nominal frequency
fN
-
170,6
MHz
Passband
PB
-
fN
±
90
kHz
Pass band ripple
0,1
dB
max.
1
dB
Relative attenuation
arel
fN ±
90
kHz
... fN ±
200
kHz
-0,4
dB
min.
-1**
dB
fN ±
0,2
MHz ... fN ±
0,4
MHz
2
dB
min.
1
dB
fN ±
0,4
MHz ... fN ±
0,6
MHz
23
dB
min.
13
dB
fN ±
0,6
MHz ... fN ±
0,8
MHz
35
dB
min.
27
dB
fN ±
0,8
MHz ... fN ±
1,6
MHz
45
dB
min.
40
dB
fN ±
1,6
MHz ... fN ±
3
MHz
48
dB
min.
43
dB
fN ±
3
MHz ... fN ±
5,8
MHz
55
dB
min.
47
dB
fN ±
5,8
MHz ... fN ±
35
MHz
60
dB
min.
50
dB
fN ±
35
MHz ... fN ±
75
MHz
65
dB
min.
45
dB
fN -
75
MHz ... fN -
170
MHz
70
dB
min.
40
dB
fN +
75
MHz ...
2
GHz
70
dB
min.
40
dB
Group delay variation within PB
0,2
µs
max.
1
µs
Time domain response
***
5
µsec
17
dB
min.
10
dB
10
µsec
35
dB
min.
20
dB
30
µsec
80
dB
min.
76
dB
35
µsec
83
dB
min.
79
dB
40
µsec
84
dB
min.
80
dB
VSWR within PB
1,5 : 1
max.
2 : 1
IIP3
****
36
dBm
min.
30
dBm
Input power level
-
max.
20
dBm
Operating temperature range
OTR
-
- 33 °C... + 85
°C
Storage temperature range
-
- 45 °C... + 125
°C
Frequency inversion temperature
35
°C
-
Temperature coefficient of frequency
TCf *****
-0,04
ppm/K
2
-
*) The terminating impedances depend on parasites and q-values of matching elements and the board used, and are to be understood as reference values only.
Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) reference is max. loss in PB
***) Attenuation values for delays between 5µs and 35µs shall be interpolated linearly.
****
) fin1= 170,5 MHz; fin2= 170,55 MHz; Pin= 0 dBm fmeasurement = 170,6 MHz
*****)
∆f(Hz) = TCf(ppm/K
2) x (T-T0)² x fN(MHz)
Generated:
Checked / Approved:
E-Mail:
tft@vectron.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed
as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS170R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS170 VECTRON-TFS170 Datasheet
67Kb / 4P
   Specification
TFS1709 VECTRON-TFS1709 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS170D VECTRON-TFS170D Datasheet
58Kb / 4P
   Specification
TFS170D VECTRON-TFS170D Datasheet
238Kb / 5P
   Filter specification
TFS170D VECTRON-TFS170D_06 Datasheet
238Kb / 5P
   Filter specification
More results

Similar Description - TFS170R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1900 VECTRON-TFS1900 Datasheet
178Kb / 5P
   VI TELEFILTER Filter specification
TFS2067A VECTRON-TFS2067A Datasheet
99Kb / 5P
   VI TELEFILTER Filter specification
TFS2100 VECTRON-TFS2100 Datasheet
125Kb / 5P
   VI TELEFILTER Filter specification
TFS192B VECTRON-TFS192B Datasheet
193Kb / 5P
   VI TELEFILTER Filter specification
TFS192H VECTRON-TFS192H Datasheet
142Kb / 5P
   VI TELEFILTER Filter specification
TFS456AF VECTRON-TFS456AF Datasheet
208Kb / 5P
   VI TELEFILTER Filter specification
TFS1080D VECTRON-TFS1080D Datasheet
85Kb / 5P
   VI TELEFILTER Filter specification
TFS1176A VECTRON-TFS1176A Datasheet
170Kb / 5P
   VI TELEFILTER Filter specification
TFS480B VECTRON-TFS480B Datasheet
147Kb / 5P
   VI TELEFILTER Filter specification
TFS190U VECTRON-TFS190U Datasheet
119Kb / 5P
   VI TELEFILTER Filter specification
TFS1068A VECTRON-TFS1068A Datasheet
183Kb / 5P
   VI TELEFILTER Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com