Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS135G Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS135G
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS135G Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS135G Datasheet HTML 1Page - Vectron International, Inc TFS135G Datasheet HTML 2Page - Vectron International, Inc TFS135G Datasheet HTML 3Page - Vectron International, Inc TFS135G Datasheet HTML 4Page - Vectron International, Inc TFS135G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Filename: TFS135G.DOC
Version 1.1
26.10.2012
Vectron International
Filter specification
TFS 135G
3/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice. No
liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Stability characteristics, reliability
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 1 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5 g respectively, 1 octave per min, 10 cycles per plane, 3 planes;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: three times max.;
for temperature conditions refer to the attached "Air reflow temperature conditions" on page 4;
5. ESD
MIL-STD-883E using coupling network of ISO 10605 and EN 6100-4-2
HBM:250V;
This filter is RoHS compliant (2002/95/EG, 2005/618/EG)
Packing
Tape & Reel:
IEC 286 – 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
3000
reel of empty components at start:
min. 300 mm
reel of empty components at start including leader:
min. 500 mm
trailer:
min. 300 mm
Do
D1
P2
P1
Po
Ao
Pull Off Direc tion
PIN Marker
Typ
Date Code
Ko
t
A
C
N
W 1
W 2
The minimum bending radius is 45 mm.
Reel (all dimensions in mm)
A
: 330
W1
:12,4
+2/-0
W2(max)
:18,4
N(min)
: 50
C
:13,0
+0,5/-0,2
Tape (all dimensions in mm)
W
:16,00
± 0,3
Po
:4,00
± 0,1
Do
:1,50
+0,1/-0
E
:1,75
± 0,1
F
:7,50
± 0,1
G(min)
:0,60
P2
:2,00
± 0,1
P1
:8,00
± 0,1
D1(min)
:1,50
Ao
:5,50
± 0,1
Bo
:7,50
± 0,1
Ct
:13,5
± 0,1


Similar Part No. - TFS135G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS135 ETC1-TFS135 Datasheet
146Kb / 5P
   Filter Specification
logo
Vectron International, ...
TFS135 VECTRON-TFS135 Datasheet
116Kb / 5P
   Filter Specification
TFS135C VECTRON-TFS135C Datasheet
49Kb / 5P
   Filter Specification
TFS135D VECTRON-TFS135D Datasheet
148Kb / 5P
   Filter specification
TFS135E VECTRON-TFS135E Datasheet
86Kb / 5P
   Filter specification
More results

Similar Description - TFS135G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com