Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS134D Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS134D
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS134D Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS134D Datasheet HTML 1Page - Vectron International, Inc TFS134D Datasheet HTML 2Page - Vectron International, Inc TFS134D Datasheet HTML 3Page - Vectron International, Inc TFS134D Datasheet HTML 4Page - Vectron International, Inc TFS134D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 134d.doc
Version 2.0
02.11.2012
Vectron International
Filter specification
TFS 134D
1/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
source impedance (balanced):
200 Ω
load impedance (balanced):
200 Ω
Terminating impedance: *
Input:
258
|| -7.2 pF
Output:
258
|| -7.2 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS134D is the minimum of the pass band attenuation. This value is defined
as the insertion loss ae. The nominal frequency fN is fixed at 134,0 MHz without any tolerance. The values of relative attenuation arel
are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating temperature range is
included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
14,2
dB
max.
15,5
dB
(reference level)
Nominal frequency
fN
134,0
MHz
Passband
PB
fN
±
10
MHz
Pass band ripple
0,1
dB
max.
2,0
dB
Bandwidth
3 dB
22,5
MHz
min.
20
MHz
Relative attenuation
arel
fN -
8,5
MHz … fN +
8,5
MHz
2,4
dB
max.
3
dB
fN -
50
MHz … fN -
35
MHz
45
dB
min.
40
dB
fN -
35
MHz … fN -
25
MHz
41
dB
min.
30
dB
fN -
25
MHz … fN -
15
MHz
12
dB
min.
10
dB
fN +
15
MHz … fN +
25
MHz
12
dB
min.
9
dB
fN +
25
MHz … fN +
35
MHz
41
dB
min.
30
dB
fN +
35
MHz … fN +
50
MHz
45
dB
min.
37
dB
Group delay ripple in fN
" 4 MHz *)
GDR
8
ns
max.
"8
ns
Group delay ripple in PB *)
GDR
8
ns
max.
"9
ns
Group delay variation (unit to unit)*) **)
max.
"5
ns
Return loss within PB
8
dB
min.
6
dB
Input power level
max.
10
dBm
Operating temperature range
OTR
- 40 °C ... + 85°C
Storage temperature range
- 45 °C ... + 85°C
Temperature coefficient of frequency
TCf ***)
-94
ppm/K
*) time gating window 0 … 0.5µs
**) Measured at centre frequency, and averaged value to account for unit to unit variation and different bandwidth variants
***) ∆fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS134D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS134B VECTRON-TFS134B Datasheet
154Kb / 5P
   Filter specification
TFS134C VECTRON-TFS134C Datasheet
128Kb / 5P
   Filter specification
TFS134E VECTRON-TFS134E Datasheet
77Kb / 5P
   Filter specification
More results

Similar Description - TFS134D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com