Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

383LX682M200B102V Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 383LX682M200B102V
Description  Top performance in power supplies and motor drives
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

383LX682M200B102V Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  383LX682M200B102V Datasheet HTML 1Page - List of Unclassifed Manufacturers 383LX682M200B102V Datasheet HTML 2Page - List of Unclassifed Manufacturers 383LX682M200B102V Datasheet HTML 3Page - List of Unclassifed Manufacturers 383LX682M200B102V Datasheet HTML 4Page - List of Unclassifed Manufacturers 383LX682M200B102V Datasheet HTML 5Page - List of Unclassifed Manufacturers 383LX682M200B102V Datasheet HTML 6Page - List of Unclassifed Manufacturers 383LX682M200B102V Datasheet HTML 7Page - List of Unclassifed Manufacturers 383LX682M200B102V Datasheet HTML 8Page - List of Unclassifed Manufacturers 383LX682M200B102V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LX / 383LX 105 °C High Ripple, Snap-In Aluminum
High Ripple, Long Life, 2,4 and 5 pin styles available
0
20
40
60
80
100
120
140
160
180
200
-10
0
10
20
30
40
50
60
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life Test Data 381LX221M250J012Capacitance, DF, Leakage Current
DF
DCL
C
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
Type 381L/LX Operating Life in Kilohoursvs Ripple Current
45 ºC
55 ºC
65 ºC
75 ºC
85 ºC
95 ºC
105 ºC
Typical Performance Curves
0
20
40
60
80
100
120
140
-10
0
10
20
30
40
50
60
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life Test Data 381LX680M450J022 Capacitance, DF, Leakage Current
DF
DCL
C
Case Code
DIAMETER
“D”
LENGTH
“L”
Typical
Weight
Case Code
DIAMETER
“D”
LENGTH
“L”
Typical
Weight
mm
inches
mm
inches
(grams)
mm
inches
mm
inches
(grams)
H20
22
0.87
20
0.79
14
A04
35
1.38
40
1.57
62
H01
22
0.87
25
0.98
16
A45
35
1.38
45
1.77
67
H02
22
0.87
30
1.18
19
A05
35
1.38
50
1.97
74
H03
22
0.87
35
1.38
22
A55
35
1.38
55
2.17
80
H04
22
0.87
40
1.57
24
A06
35
1.38
63
2.48
88
H45
22
0.87
45
1.77
28
A07
35
1.38
70
2.76
98
H05
22
0.87
50
1.97
31
A08
35
1.38
80
3.15
112
J20
25
0.98
20
0.79
16
A10
35
1.38
105
4.13
144
J01
25
0.98
25
0.98
20
N04
40
1.57
40
1.57
82
J02
25
0.98
30
1.18
24
N05
40
1.57
50
1.97
105
J03
25
0.98
35
1.38
27
N06
40
1.57
63
2.48
130
J04
25
0.98
40
1.57
31
N08
40
1.57
80
3.15
185
J45
25
0.98
45
1.77
35
N10
40
1.57
105
4.13
265
J05
25
0.98
50
1.97
38
E05
45
1.77
50
1.97
122
K20
30
1.18
20
0.79
25
E06
45
1.77
63
2.48
150
K01
30
1.18
25
0.98
30
E75
45
1.77
75
2.65
200
K02
30
1.18
30
1.18
35
E08
45
1.77
80
3.15
213
K03
30
1.18
35
1.38
40
E09
45
1.77
92
3.62
238
K04
30
1.18
40
1.57
44
E10
45
1.77
105
4.13
299
K45
30
1.18
45
1.77
48
B05
50
1.97
50
1.97
136
K05
30
1.18
50
1.97
53
B06
50
1.97
63
2.48
168
A20
35
1.38
20
0.79
35
B08
50
1.97
80
3.15
239
A01
35
1.38
25
0.98
42
B09
50
1.97
92
3.62
241
A02
35
1.38
30
1.18
48
B10
50
1.97
105
4.13
325
A03
35
1.38
35
1.38
54
Insulated Case Dimensions
Life Test Data 220 µF/250V Capacitance, DF, Leakage Current
Life Test Data 68 µF/450V Capacitance, DF, Leakage Current


Similar Part No. - 383LX682M200B102V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
383LX682M200B102V CDE-383LX682M200B102V Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
383LX682M200B102V CDE-383LX682M200B102V Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 383LX682M200B102V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX CDE-381LX Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
V23990-P760-A-D3-14 VINCOTECH-V23990-P760-A-D3-14 Datasheet
531Kb / 24P
   Motor Drives Power Generation
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
D+H Mechatronic AG
DXD150-BSY DH-DXD150-BSY Datasheet
484Kb / 3P
   High-performance rack and pinion drives
DXD300-BSY DH-DXD300-BSY Datasheet
491Kb / 3P
   High-performance rack and pinion drives
DXD300-K-BSY DH-DXD300-K-BSY Datasheet
443Kb / 3P
   High-performance rack and pinion drives
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com