Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE30135 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE30135
Description  Super Bright LED Indicators 5mm, Bullet Head Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE30135 Datasheet(HTML) 2 Page - NTE Electronics

  NTE30135 Datasheet HTML 1Page - NTE Electronics NTE30135 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Optical Characteristics (Cont’d): (TA = +25C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Emission Wavelength
NTE30135
P
IF = 20mA
565
nm
NTE30136
591
nm
NTE30137
630
nm
NTE30138
470
nm
Dominant Emission Wavelength
NTE30135
d
IF = 20mA
566
570
573
nm
NTE30136
586
590
592
nm
NTE30137
618
622
627
nm
NTE30138
464
470
473
nm
Spectral Line Half−Width
NTE30135, NTE30136

IF = 20mA
20
nm
NTE30137
15
nm
NTE30138
30
nm
Forward Voltage
NTE30135
VF
IF = 20mA
1.8
2.1
2.5
V
NTE30136, NTE30137
1.8
2.0
2.4
V
NTE30138
2.8
3.0
3.4
V
NTE30139
2.8
3.0
3.2
V
Reverse Current
IR
VR = 5V
10
A
.303
(7.7)
.040
(1.0)
.197 (5.0) Dia
.020 (0.5)
.040 (1.0) Min
.100 (2.54)
1.040
(26.4)
Min
.220
(5.6)
Dia
Flat Denotes
Cathode


Similar Part No. - NTE30135

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30100 NTE-NTE30100 Datasheet
83Kb / 2P
   LED − Dual Color 3mm High Efficiency Red/Yellow Green
NTE30101 NTE-NTE30101 Datasheet
83Kb / 2P
   LED − Dual Color 3mm Yellow/Yellow Green
NTE30102 NTE-NTE30102 Datasheet
83Kb / 2P
   LED − Dual Color 3mm Super Fresh Red/Super Yellow Green
NTE30103 NTE-NTE30103 Datasheet
82Kb / 2P
   LED − Dual Color 3mm Super Fresh Red/Super Blue
NTE30104 NTE-NTE30104 Datasheet
84Kb / 2P
   LED − Dual Color 5mm High Efficiency Red/Yellow Green
More results

Similar Description - NTE30135

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30037 NTE-NTE30037 Datasheet
96Kb / 3P
   Super Bright LED Indicators, 5mm
logo
OptoSupply Internationa...
OSB5SA5201A OPTOSUPPLY-OSB5SA5201A_09 Datasheet
137Kb / 1P
   5mm Bullet Super Blue LED
OSB5SA5201A OPTOSUPPLY-OSB5SA5201A Datasheet
97Kb / 1P
   5mm Bullet Super Blue LED
logo
NTE Electronics
NTE30065 NTE-NTE30065 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 10mm
NTE30053 NTE-NTE30053 Datasheet
95Kb / 3P
   Super Bright LED Indicators, 8mm
NTE30030 NTE-NTE30030 Datasheet
84Kb / 3P
   Super Bright LED Indicators, 3mm
logo
OptoSupply Internationa...
OSXXDK6231A OPTOSUPPLY-OSXXDK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
OSW4DK6231A OPTOSUPPLY-OSW4DK6231A Datasheet
108Kb / 1P
   5mm Bullet LED
logo
NTE Electronics
NTE30121 NTE-NTE30121 Datasheet
58Kb / 2P
   Super Bright LED Indicator Super Purple, 5mm
logo
Elektron Components Ltd...
DX0998 BULGIN-DX0998 Datasheet
68Kb / 1P
   5mm LED Indicators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com