Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U403 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # U403
Description  LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

U403 Datasheet(HTML) 2 Page - Linear Integrated Systems

  U403 Datasheet HTML 1Page - Linear Integrated Systems U403 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201123 03/18/2015 Rev#A8 ECN# SST/U401 SST/U406
SYMBOL
CHARACTERISTIC
MIN.
TYP.
MAX.
UNITS
CONDITIONS
OUTPUT CONDUCTANCE
GOSS
Full Conduction
--
--
40
µS
VDS= 10V,
VGS= 0V, f = 1kHz
GOS
Operating
--
2
2.7
µS
VDS= 15V,
ID= 200µA, f = 1kHz
COMMON MODE REJECTION
V DG1= 10V
CMRR
-20 log [(VGS1-VGS2)
/ΔVDG1-2]
95
--
--
dB
V DG2= 20V ID1= ID2=200µA
NOISE
NF
Figure
--
--
0.5
dB
VDS= 15V
VGS= 0
RG=10M
f= 100Hz
NBW= 6Hz
en
Voltage
--
6
20
nV/Hz
VDS= 15V
ID= 200µA f= 10Hz
NBW= 1Hz
CAPACITANCE
CISS
Input
--
4
8
pF
VDS= 15V
ID= 200µA f= 1MHz
CRSS
Reverse Transfer
--
1.5
3
pF
NOTES:
1. These ratings are limiting values above which the serviceability of any semiconductor may be impaired.
2. Derate 2.4mW/ºC when TA is greater than 25ºC
3. All MIN/TYP/MAX limits are absolute numbers. Negative signs indicate electrical polarity only.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use;
nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
8
4
8
4
0.210
0.170
TO-71
TO-78
P-DIP
SOIC
Note: All Dimensions in inches
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality
discrete components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil
and Micro Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the
director of IC Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro
Power Systems.


Similar Part No. - U403

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U403 CALOGIC-U403 Datasheet
26Kb / 2P
   Dual N-Channel JFET Switch
logo
Linear Integrated Syste...
U403 LINEAR-U403 Datasheet
241Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET
logo
Intersil Corporation
U403 INTERSIL-U403 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
U403 NJSEMI-U403 Datasheet
96Kb / 2P
   Minimum System Error and Calibration
logo
Micross Components
U403 MICROSS-U403 Datasheet
286Kb / 1P
   Linear Systems replaces discontinued Siliconix U403 with LSU403
More results

Similar Description - U403

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS3954A LINEAR-LS3954A_14 Datasheet
289Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
   ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
logo
Micross Components
2N3954 MICROSS-2N3954 Datasheet
283Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U402_TO-71 MICROSS-U402_TO-71 Datasheet
287Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405_TO-78 MICROSS-U405_TO-78 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406_TO-71 MICROSS-U406_TO-71 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N5906 MICROSS-2N5906 Datasheet
292Kb / 1P
   LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5905_TO-78 MICROSS-2N5905_TO-78 Datasheet
292Kb / 1P
   LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LS3954-8 LINEAR-LS3954-8 Datasheet
33Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com