Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1027897 Datasheet(PDF) 3 Page - SICK AG

Part # 1027897
Description  2D LASER SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1027897 Datasheet(HTML) 3 Page - SICK AG

  1027897 Datasheet HTML 1Page - SICK AG 1027897 Datasheet HTML 2Page - SICK AG 1027897 Datasheet HTML 3Page - SICK AG 1027897 Datasheet HTML 4Page - SICK AG 1027897 Datasheet HTML 5Page - SICK AG 1027897 Datasheet HTML 6Page - SICK AG 1027897 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LMS400-1000 | LMS4xx
2D LASER SCANNERS
2016-03-24 16:08:09 | Online data sheet
Subject to change without notice
DETECTION AND RANGING SOLUTIONS | SICK
3
Mechanics/electronics
Operating voltage
≤ 24 V DC, ± 15 %
Power consumption
25 W
Housing
Aluminum die cast
Housing color
Light blue (RAL 5012)
Enclosure rating
IP 20 (DIN 40 050) 1)
Weight
2.3 kg
Dimensions (L x W x H)
179 mm x 107 mm x 130 mm
1) With IP65 plug-in cover.
Ambient data
Object remission
6.5 % ... 200 %
Electromagnetic compatibility (EMC)
EN 61000G6G2:2001 / EN 61000G6G4:2001
Vibration resistance
EN 60068G2G6, G27, G29, G64
Shock resistance
EN 60068G2G6, G27, G29, G64
Ambient operating temperature
0 °C ... +40 °C
Storage temperature
–20 °C ... +70 °C
General notes
Note on use
Not suitable for personnel protection
Selectable region of interest (ROI)
From 50 mm x 3,000 mm to 1,000 mm x 1,750 mm
Number of columns
Up to 50 equidistant or 30 freely positionable
Minimum column width
≥ 50 mm
Minimum detectable object
30 mm x 30 mm
Smallest height threshold above the con-
tainer floor
30 mm
Switching threshold output
Telegram, switch outputs or analog output
Output of height values in the columns
Telegram, Analog output


Similar Part No. - 1027897

ManufacturerPart #DatasheetDescription
logo
SICK AG
1027894 SICK-1027894 Datasheet
488Kb / 7P
   SWITCHING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1027897

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMC124-11000 SICK-LMC124-11000 Datasheet
344Kb / 5P
   2D LASER SCANNERS
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
TIM510-9950000S01 SICK-TIM510-9950000S01 Datasheet
550Kb / 6P
   2D LASER SCANNERS
LD-LRS3601 SICK-LD-LRS3601 Datasheet
596Kb / 5P
   2D LASER SCANNERS
LMS131-10100 SICK-LMS131-10100 Datasheet
1Mb / 6P
   2D LASER SCANNERS
LMS531-10100 SICK-LMS531-10100 Datasheet
692Kb / 5P
   2D LASER SCANNERS
NAV350-3232 SICK-NAV350-3232 Datasheet
914Kb / 6P
   2D LASER SCANNERS
LMS500-21000 SICK-LMS500-21000 Datasheet
575Kb / 5P
   2D LASER SCANNERS
LMS511-20100 SICK-LMS511-20100 Datasheet
923Kb / 6P
   2D LASER SCANNERS
TIM310-1030000 SICK-TIM310-1030000 Datasheet
772Kb / 6P
   2D LASER SCANNERS
TIM320-1131000 SICK-TIM320-1131000 Datasheet
593Kb / 6P
   2D LASER SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com