Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSK189 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LSK189
Description  LOW NOISE, LOW CAPACITANCE SINGLE N-CHANNEL JFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSK189 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LSK189_15 Datasheet HTML 1Page - Linear Integrated Systems LSK189_15 Datasheet HTML 2Page - Linear Integrated Systems LSK189_15 Datasheet HTML 3Page - Linear Integrated Systems LSK189_15 Datasheet HTML 4Page - Linear Integrated Systems LSK189_15 Datasheet HTML 5Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201150 04/02/2015 Rev#A19 ECN# LSK189
FEATURES
ULTRA LOW NOISE
en = 1.8nV/
√Hz
LOW INPUT CAPACITANCE
CISS = 4pF
ABSOLUTE MAXIMUM RATINGS1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to +150°C
Junction Operating Temperature
-55 to +150°C
Maximum Power Dissipation
Continuous Power Dissipation TA=25°C
300mW4
Maximum Currents
Gate Forward Current
IG(F) = 10mA
Maximum Voltages
Gate to Source
VGSO = 60V
Gate to Drain
VGDO = 60V
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
BVGSS
Gate to Source Breakdown Voltage
-60
V
VDS = 0, ID = -1nA
VGS(OFF)
Gate to Source Pinch-off Voltage
-1.5
-3.5
V
VDS = 15V, ID = 1nA
VGS
Gate to Source Operating Voltage
-0.5
-3.5
V
VDS = 15V, ID = 500µA
IDSS2
Drain to Source Saturation Current
2.5
5
15
mA
VDS = 15V, VGS = 0
IG
Gate Operating Current
-2
-25
pA
VDG = 15V, ID = 200µA
IG
-0.8
-10
nA
TA=125°C
IGSS
Gate to Source Leakage Current
-100
pA
VGS = -15V
Gfs
Full Conductance Transconductance
1500
µS
VDS = 15V, VGS = 0, f = 1kHz
1000
1500
µS
VDS = 15V, ID = 500µA
GOS
Full Output Conductance
40
µS
VDS = 15V, VGS = 0
GOS
Output Conductance
1.8
2.7
µS
VDS = 15V, ID = 200µA
NF
Noise Figure
0.5
dB
VDS = 15V, VGS = 0, RG
= 10MΩ,
f = 100Hz, NBW = 6Hz
en
Noise Voltage
1.8
2.0
nV/
√Hz
VDS = 15V, ID = 2mA, f = 1kHz,
NBW = 1Hz
en
Noise Voltage
2.8
3.5
nV/
√Hz
VDS = 15V, ID = 2mA, f = 10Hz,
NBW = 1Hz
CISS
Common Source Input Capacitance
4
8
pF
VDS = 15V, ID = 500µA, f = 1MHz
CRSS
Common Source Reverse Transfer Cap.
3
pF
LSK189
LOW NOISE, LOW CAPACITANCE
SINGLE N-CHANNEL JFET
TO 92
TOP VIEW
SOT-23
TOP VIEW
* For equivalent monolithic dual, see LSK489


Similar Part No. - LSK189_15

ManufacturerPart #DatasheetDescription
logo
RFE international
LSK101M2G220350 RFE-LSK101M2G220350 Datasheet
164Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LSK Series: Snap-In, 105C, 5000 hrs
logo
E-SWITCH
LSK120001A5 E-SWITCH-LSK120001A5 Datasheet
233Kb / 1P
   LSK Series
LSK120001AX E-SWITCH-LSK120001AX Datasheet
233Kb / 1P
   LSK Series
LSK120101A5 E-SWITCH-LSK120101A5 Datasheet
233Kb / 1P
   LSK Series
LSK120101AX E-SWITCH-LSK120101AX Datasheet
233Kb / 1P
   LSK Series
More results

Similar Description - LSK189_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS846 LINEAR-LS846 Datasheet
132Kb / 1P
   LOW NOISE, LOW LEAKAGE SINGLE N-CHANNEL JFET
LS840-2 LINEAR-LS840-2 Datasheet
32Kb / 2P
   LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET
LSK489 LINEAR-LSK489 Datasheet
648Kb / 6P
   LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
logo
Micross Components
LSK170A_SOT-23 MICROSS-LSK170A_SOT-23 Datasheet
475Kb / 1P
   Ultra Low Noise Single N-Channel JFET
logo
Linear Integrated Syste...
J108 LINEAR-J108 Datasheet
300Kb / 2P
   LOW NOISE SINGLE N-CHANNEL JFET SWITCH
LSK170 LINEAR-LSK170 Datasheet
116Kb / 1P
   ULTRA LOW NOISE SINGLE N-CHANNEL JFET
LS846 LINEAR-LS846_14 Datasheet
391Kb / 2P
   LOW NOISE LOW LEAKAGE SINGLE N-CHANNEL JFET AMPLIFIER
LS840 LINEAR-LS840_14 Datasheet
251Kb / 2P
   LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
logo
Seme LAB
2N4339 SEME-LAB-2N4339 Datasheet
25Kb / 2P
   LOW NOISE N-CHANNEL JFET
logo
Micross Components
LSK170B_SOT-23 MICROSS-LSK170B_SOT-23 Datasheet
475Kb / 1P
   an Ultra Low Noise Single N-Channel JFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com