Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS110AC Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS110AC
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS110AC Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS110AC Datasheet HTML 1Page - Vectron International, Inc TFS110AC Datasheet HTML 2Page - Vectron International, Inc TFS110AC Datasheet HTML 3Page - Vectron International, Inc TFS110AC Datasheet HTML 4Page - Vectron International, Inc TFS110AC Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 110ac.doc
Version 1.2
26.05.2010
Vectron International
Filter specification
TFS 110AC
2/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.
Filter characteristic
110.1
110.2
110.3
110.4
110.5
110.6
110.7
110.8
110.9
111
111.1
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
insertion loss: -3.46 dB
110.55 110.56 110.57 110.58 110.59
110.6
110.61 110.62 110.63 110.64 110.65
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
frequency in MHz
110.55 110.56 110.57 110.58 110.59
110.6
110.61 110.62 110.63 110.64 110.65
10
11
12
13
14
15
16
17
18
19
20
frequency in MHz
Construction and pin connection
(All dimensions in mm)
1
Ground
2
Ground
3
Ground
4
Ground
5
Output
6
Output
7
Ground
8
Ground
9
Ground
10
Ground
11
Input
12
Input
13,6Max.
1
8
9
10
1,5
2,54 ±0,15
0,8
0,1
1 2 3 4
5
6
7
11
12
Date code
TFS 110AC
 ●
A21
Date code: Year + week
A
2010
B
2011
C
2012
100 Ω Test circuit
C1
L1
L3
SAW
L2
L4
C2
12
6
5
11
1, 2, 3, 4, 7, 8, 9, 10


Similar Part No. - TFS110AC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS110A VECTRON-TFS110A Datasheet
121Kb / 5P
   Filter specification
TFS110AA VECTRON-TFS110AA Datasheet
144Kb / 5P
   Filter specification
TFS110AB VECTRON-TFS110AB Datasheet
142Kb / 5P
   Filter specification
TFS110AD VECTRON-TFS110AD Datasheet
99Kb / 5P
   Filter specification
More results

Similar Description - TFS110AC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com